Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX753CSE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX753CSE
Description  CCFL Backlight and LCD Contrast Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753CSE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX753CSE Datasheet HTML 3Page - Maxim Integrated Products MAX753CSE Datasheet HTML 4Page - Maxim Integrated Products MAX753CSE Datasheet HTML 5Page - Maxim Integrated Products MAX753CSE Datasheet HTML 6Page - Maxim Integrated Products MAX753CSE Datasheet HTML 7Page - Maxim Integrated Products MAX753CSE Datasheet HTML 8Page - Maxim Integrated Products MAX753CSE Datasheet HTML 9Page - Maxim Integrated Products MAX753CSE Datasheet HTML 10Page - Maxim Integrated Products MAX753CSE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
The minimum operating input voltage is determined by
the transformer turns ratio (n), the lamp operating volt-
age (VLAMP), and the ballast capactor (C10). Using a
simple model of the CCFL (see Figure 4) we can calcu-
late what the T1 center-tap voltage will be at maximum
lamp current. The voltage on the CCFL is in phase with
the current through it. Let us define ILAMP(t) =
√2ILAMP,RMS cos(ωt) and VLAMP(t) = √2VLAMP,RMS
cos(
ωt); then the peak voltage at the center tap will be
as follows:
where,
,
n is the secondary-to-primary turns ratio of T1, and
ω is
the frequency of Royer oscillation in radians per sec-
ond. The voltage on the center tap of T1 is a full-wave
rectified sine wave (see Figure 5). The average voltage
at VTAP must equal the average voltage at the LX node
of the MAX758A, since there cannot be any DC voltage
on inductor L1; thus the minimum operating voltage
must be greater than the average voltage at VTAP.
LCD Bias Generators
The MAX753/MAX754’s LCD bias generators provide
adjustable output voltages for powering LCD displays.
The MAX753’s LCD converter generates a negative
output, while the MAX754’s generates a positive output.
The MAX753/MAX754 employ a constant-peak-current
pulse-frequency-modulation (PFM) switching regulator.
The MAX753 adds a simple diode-capacitor voltage
inverter to the switching regulator.
Constant-Current PFM Control Scheme
The LCD bias generators in these devices use a con-
stant-peak-current PFM control scheme. Figure 6, which
shows the MAX754’s boost switching regulator, illus-
trates this control method. When Q3 closes (Q3 “on”) a
voltage equal to BATT is applied to the inductor, caus-
ing current to flow from the battery, through the inductor
and switch, and to ground. This current ramps up linear-
ly, storing energy in the inductor’s magnetic field. When
Q3 opens, the inductor voltage reverses, and current
flows from the battery, through the inductor and diode,
and into the output capacitor. The devices regulate the
output voltage by varying how frequently the switch is
opened and closed.
The MAX753/MAX754 not only regulate the output volt-
age, but also maintain a constant peak inductor cur-
rent, regardless of the battery voltage. The ICs vary the
switch on-time to produce the constant peak current,
and vary its off-time to ensure that the inductor current
reaches zero at the end of each cycle.
The internal circuitry senses both the output voltage
and the voltage at the LX node, and turns on the MOS-
FET only if: 1) The output voltage is out of regulation,
and 2) the voltage at LX is less than the battery voltage.
The first condition keeps the output in regulation, and
the second ensures that the inductor current always
resets to zero (i.e., the part always operates in discon-
tinuous-conduction mode).
φ
ω
=
tan
,
,
1
10
I
CV
LAMP RMS
LAMP RMS
V
I
nC
TAP PK
LAMP RMS
,
,
sin
=−
2
10
ωφ
()
CCFL Backlight and
LCD Contrast Controllers
_______________________________________________________________________________________
7
Figure 4. Simple Model of the CCFL
Figure 5. Voltage at the Center Tap of T1
C10
VLAMP(t)
VSEC (t)
ILAMP(t)
VTAP, PK
T
VTAP(t)
t


Similar Part No. - MAX753CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX753CSE MAXIM-MAX753CSE Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
More results

Similar Description - MAX753CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
logo
Linear Technology
LT1182 LINER-LT1182_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1184 LINER-LT1184_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1183 LINER-LT1183_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1184F LINER-LT1184F_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1182 LINER-LT1182 Datasheet
409Kb / 24P
   CCFL/LCD Contrast Switching Regulators
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Micro Linear Corporatio...
ML4876 MICRO-LINEAR-ML4876 Datasheet
174Kb / 9P
   LCD Backlight Lamp Driver with Contrast
logo
Maxim Integrated Produc...
MAX1895 MAXIM-MAX1895 Datasheet
1Mb / 31P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com