Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7424 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7424
Description  5th-Order, Lowpass, Switched-Capacitor Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7424 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7424 Datasheet HTML 4Page - Maxim Integrated Products MAX7424 Datasheet HTML 5Page - Maxim Integrated Products MAX7424 Datasheet HTML 6Page - Maxim Integrated Products MAX7424 Datasheet HTML 7Page - Maxim Integrated Products MAX7424 Datasheet HTML 8Page - Maxim Integrated Products MAX7424 Datasheet HTML 9Page - Maxim Integrated Products MAX7424 Datasheet HTML 10Page - Maxim Integrated Products MAX7424 Datasheet HTML 11Page - Maxim Integrated Products MAX7424 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
____________________________Typical Operating Characteristics (continued)
(VDD = +5V for MAX7418–MAX7421, VDD = +3V for MAX7422–MAX7425, fCLK = 2.2MHz, SHDN = VDD, VCOM = VOS = VDD / 2,
TA = +25°C, unless otherwise noted.
5th-Order, Lowpass,
Switched-Capacitor Filters
8
_______________________________________________________________________________________
0
2
1
4
3
5
6
10
100
1000
INTERNAL OSCILLATOR FREQUENCY
vs. LARGE CAPACITANCE (nF)
CAPACITANCE (nF)
ELLIPTIC
BESSEL/BUTTERWORTH
2.3
2.5
2.9
2.7
3.1
3.3
2.5
3.5
3.0
4.0
4.5
5.0
5.5
ELLIPTIC SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
84.0
85.0
84.5
86.0
85.5
86.5
87.0
2.5
3.5
4.0
3.0
4.5
5.0
5.5
ELLIPTIC INTERNAL OSCILLATOR
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
COSC = 1000PF
84.0
85.0
84.5
86.0
85.5
86.5
87.0
-40
10
-15
356085
ELLIPTIC INTERNAL OSCILLATOR
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 3V
VDD = 5V
COSC = 1000pF
2.5
2.6
2.8
2.7
2.9
3.0
-40
10
-15
35
60
85
ELLIPTIC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 5V
VDD = 3V
1
fIN
(kHz)
2
2
1
2
10
fC
(kHz)
E
30
22
10
22
1000
LABEL
A
B
fCLK
(kHz)
3000
2200
1000
C
D
2200
22
BW
(kHz)
80
80
22
80
Table A.


Similar Part No. - MAX7424

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7424CUA++ MAXIM-MAX7424CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7424CUA++ MAXIM-MAX7424CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results

Similar Description - MAX7424

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com