Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX763AEPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX763AEPA
Description  3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX763AEPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX763AEPA Datasheet HTML 2Page - Maxim Integrated Products MAX763AEPA Datasheet HTML 3Page - Maxim Integrated Products MAX763AEPA Datasheet HTML 4Page - Maxim Integrated Products MAX763AEPA Datasheet HTML 5Page - Maxim Integrated Products MAX763AEPA Datasheet HTML 6Page - Maxim Integrated Products MAX763AEPA Datasheet HTML 7Page - Maxim Integrated Products MAX763AEPA Datasheet HTML 8Page - Maxim Integrated Products MAX763AEPA Datasheet HTML 9Page - Maxim Integrated Products MAX763AEPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PIN #
8-PIN DIP/SO
16-PIN WIDE SO
NAME
FUNCTION
(MAX748A)
12
SHDN
Shutdown—active low. Connect to ground to power down chip; tie to V+ for normal
operation. Output voltage falls to 0V when
SHDN is low.
2
3
REF
Reference Voltage Output (+1.23V) supplies up to 100µA for external loads.
Bypass to GND with a 0.047µF capacitor.
37
SS
Soft-Start. Capacitor between SS and GND provides soft-start and
short-circuit protection.
48
CC
Compensation Capacitor Input externally compensates the outer (voltage)
feedback loop. Connect to OUT with a 330pF capacitor.
5
9
OUT
Output-Voltage Sense Input provides regulation feedback sensing.
Connect to +3.3V output.
6
10, 11
GND
Ground*
7
12, 13, 14
LX
Drain of internal P-channel power MOSFET*
Supply Voltage Input. Bypass to GND with 1µF ceramic and large-value
8
1,15,16
V+
electrolytic capacitor in parallel. The 1µF capacitor must be as close
to the GND and V+ pins as possible.*
4, 5, 6
N.C.
No Connect—no internal connections to these pins.
_________________Detailed Description
The MAX748A/MAX763A switch-mode regulators use a
current-mode pulse-width-modulation (PWM) control
system in a step-down (buck) regulator topography.
They convert an unregulated DC input voltage from 4V
to 11V (MAX763A) or from 4V to 16V (MAX748A) to a
regulated 3.3V output at 300mA. For loads less than
300mA, V+ may be less than 4.0V (see the Output
Voltage vs. Supply Voltage graph in the
Typical
Operating Characteristics). The current-mode
PWM architecture provides cycle-by-cycle current limit-
ing, improved load-transient response, and simpler
outerloop design.
The controller consists of two feedback loops: an inner
(current) loop that monitors the switch current via the
current-sense resistor and amplifier, and an outer (volt-
age) loop that monitors the output voltage through the
error amplifier (Figure 1). The inner loop performs
cycle-by-cycle current limiting, truncating the power
transistor on-time when the switch current reaches a
predetermined threshold. This threshold is determined
by the outer loop. For example, a sagging output volt-
age produces an error signal that raises the threshold,
allowing the circuit to store and transfer more energy
during each cycle.
Programmable Soft-Start
Figure 2 shows a capacitor connected to the soft-start
(SS) pin to ensure orderly power-up. A typical value is
0.047µF. SS controls both the SS timing and the maxi-
mum output current that can be delivered while main-
taining regulation.
The charging capacitor slowly raises the clamp on the
error-amplifier output voltage, limiting surge currents
at power-up by slowly increasing the cycle-by-cycle
current-limit threshold. Table 1 lists timing characteris-
tics for selected capacitor values and circuit conditions.
The overcurrent comparator trips when the load exceeds
approximately 1.2A. When either an undervoltage or over-
current fault condition is detected, an SS cycle is actively
initiated, which triggers an internal transistor to discharge
the SS capacitor to ground. An SS cycle is also enabled
at power-up and when coming out of shutdown mode.
Overcurrent Limiting
The overcurrent comparator triggers when the load
current exceeds approximately 1.2A. On each clock
cycle, the output FET turns on and attempts to deliver
current until cycle-by-cycle or overcurrent limits are
exceeded. Note that the SS capacitor must be greater
than 0.01µF for overcurrent protection to function prop-
erly. A typical value is 0.047µF.
3.3V, Step-Down,
Current-Mode PWM DC-DC Converters
6
_______________________________________________________________________________________
_______________________________________________________________________Pin Description
*16-pin wide SO package: All pins sharing the same name must be connected together externally.


Similar Part No. - MAX763AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761C/D MAXIM-MAX761C/D Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CPA MAXIM-MAX761CPA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CSA MAXIM-MAX761CSA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761EPA MAXIM-MAX761EPA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
More results

Similar Description - MAX763AEPA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
   3.3V Step down current mode PWM DC-DC converters
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
   5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
   ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
   Current-Mode PWM Step-Down DC-DC Convertor
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com