Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7421 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7421 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7421 Datasheet HTML 1Page - Maxim Integrated Products MAX7421 Datasheet HTML 2Page - Maxim Integrated Products MAX7421 Datasheet HTML 3Page - Maxim Integrated Products MAX7421 Datasheet HTML 4Page - Maxim Integrated Products MAX7421 Datasheet HTML 5Page - Maxim Integrated Products MAX7421 Datasheet HTML 6Page - Maxim Integrated Products MAX7421 Datasheet HTML 7Page - Maxim Integrated Products MAX7421 Datasheet HTML 8Page - Maxim Integrated Products MAX7421 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX7418–MAX7425 5th-order, low-pass, switched-
capacitor filters (SCFs) operate from a single +5V
(MAX7418–MAX7421) or +3V (MAX7422–MAX7425)
supply. These devices draw only 3mA of supply current
and allow corner frequencies from 1Hz to 45kHz, mak-
ing them ideal for low-power post-DAC filtering and anti-
aliasing applications. They feature a shutdown mode
that reduces supply current to 0.2µA.
Two clocking options are available: self-clocking
(through the use of an external capacitor), or external
clocking for tighter corner-frequency control. An offset
adjust pin allows for adjustment of the DC output level.
The MAX7418/MAX7422 deliver 53dB of stopband
rejection and a sharp rolloff with a 1.6 transition ratio.
The MAX7421/MAX7425 achieve a sharper rolloff with a
1.25 transition ratio while still providing 37dB of stop-
band rejection. The MAX7419/MAX7423 Bessel filters
provide low overshoot and fast settling, and the
MAX7420/MAX7424 Butterworth filters provide a maxi-
mally flat passband response. Their fixed response sim-
plifies the design task of selecting a clock frequency.
Applications
ADC Anti-Aliasing
CT2 Base Stations
DAC Postfiltering
Speech Processing
Features
o 5th-Order, Lowpass Filters
Elliptic Response (MAX7418/MAX7421/
MAX7422/MAX7425)
Bessel Response (MAX7419/MAX7423)
Butterworth Response (MAX7420/MAX7424)
o Clock-Turnable Corner Frequency (1Hz to 45kHz)
o Single-Supply Operation
+5V (MAX7418–MAX7421)
+3V (MAX7422–MAX7425)
o Low Power
3mA (Operating Mode)
0.2µA (Shutdown Mode)
o Available in 8-Pin µMAX Package
o Low Output Offset: ±4mV
5th-Order, Lowpass,
Switched-Capacitor Filters
________________________________________________________________ Maxim Integrated Products
1
OS
OUT
VDD
1
2
8
7
CLK
SHDN
IN
GND
COM
µMAX
TOP VIEW
3
4
6
5
MAX7418–
MAX7425
VDD
IN
CLK
OUT
GND
INPUT
0.1
µF
0.1
µF
CLOCK
SHDN
OUTPUT
VSUPPLY
COM
OS
MAX7418–
MAX7425
Typical Operating Circuit
19-1821; Rev 0; 11/00
Pin Configuration
Ordering Information
Selector Guide
PART
MAX7418EUA
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 µMAX
Selector Guide continued at end of data sheet.
Ordering Information continued at end of data sheet.
MAX7418CUA
0°C to +70°C
8 µMAX
MAX7419CUA
0°C to +70°C
8 µMAX
MAX7419EUA
-40°C to +85°C
8 µMAX
MAX7420CUA
0°C to +70°C
8 µMAX
MAX7420EUA
-40°C to +85°C
8 µMAX
MAX7421CUA
0°C to +70°C
8 µMAX
MAX7421EUA
-40°C to +85°C
8 µMAX
PART
FILTER RESPONSE
OPERATING
VOLTAGE (V)
MAX7418
r = 1.6
+5
MAX7419
Bessel
+5
MAX7420
Butterworth
+5
MAX7421
r = 1.25
+5


Similar Part No. - MAX7421

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7421CUA++ MAXIM-MAX7421CUA+ Datasheet
622Kb / 5P
   MAXFILTERBRD
Rev 0; 8/09
MAX7421CUA++ MAXIM-MAX7421CUA+ Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results

Similar Description - MAX7421

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com