Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX767 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX767
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX767 Datasheet HTML 1Page - Maxim Integrated Products MAX767 Datasheet HTML 2Page - Maxim Integrated Products MAX767 Datasheet HTML 3Page - Maxim Integrated Products MAX767 Datasheet HTML 4Page - Maxim Integrated Products MAX767 Datasheet HTML 5Page - Maxim Integrated Products MAX767 Datasheet HTML 6Page - Maxim Integrated Products MAX767 Datasheet HTML 7Page - Maxim Integrated Products MAX767 Datasheet HTML 8Page - Maxim Integrated Products MAX767 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1 (5A configuration), VIN = 5V, oscillator frequency = 300kHz, TA = +25°C, unless otherwise noted.)
1.5A CIRCUIT LOAD-TRANSIENT RESPONSE
200µs/div
1.5A
3.3V OUTPUT
50mV/div
AC-COUPLED
0A
LOAD CURRENT
3A CIRCUIT LOAD-TRANSIENT RESPONSE
200µs/div
3A
3.3V OUTPUT
50mV/div
AC-COUPLED
0A
LOAD CURRENT
5A CIRCUIT LOAD-TRANSIENT RESPONSE
200µs/div
5A
3.3V OUTPUT
50mV/div
AC-COUPLED
0A
LOAD CURRENT
10A CIRCUIT LOAD-TRANSIENT RESPONSE
200µs/div
10A
3.3V OUTPUT
50mV/div
AC-COUPLED
0A
LOAD CURRENT
7A CIRCUIT LOAD-TRANSIENT RESPONSE
200µs/div
7A
3.3V OUTPUT
50mV/div
AC-COUPLED
0A
LOAD CURRENT


Similar Part No. - MAX767

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761C/D MAXIM-MAX761C/D Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CPA MAXIM-MAX761CPA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CSA MAXIM-MAX761CSA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761EPA MAXIM-MAX761EPA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
More results

Similar Description - MAX767

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Richtek Technology Corp...
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com