Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1815M Datasheet(PDF) 2 Page - Texas Instruments

Part # LM1815M
Description  LM1815 Adaptive Variable Reluctance Sensor Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1815M Datasheet(HTML) 2 Page - Texas Instruments

  LM1815M Datasheet HTML 1Page - Texas Instruments LM1815M Datasheet HTML 2Page - Texas Instruments LM1815M Datasheet HTML 3Page - Texas Instruments LM1815M Datasheet HTML 4Page - Texas Instruments LM1815M Datasheet HTML 5Page - Texas Instruments LM1815M Datasheet HTML 6Page - Texas Instruments LM1815M Datasheet HTML 7Page - Texas Instruments LM1815M Datasheet HTML 8Page - Texas Instruments LM1815M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LM1815
SNOSBU8F – SEPTEMBER 2000 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage
12V
Power Dissipation(3)
1250 mW
Operating Temperature Range
−40°C ≤ TA ≤ +125°C
Storage Temperature Range
−65°C ≤ TJ ≤ +150°C
Junction Temperature
+150°C
Input Current
±30 mA
Lead Temperature (Soldering, 10 sec.)
260°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For operation at elevated temperatures, the device must be derated based on a 150°C maximum junction temperature and a thermal
resistance of 80°C/W (DIP), 120°C/W (SO-14) junction to ambient.
Electrical Characteristics
(TA = 25°C, VCC = 10V, unless otherwise specified, see Figure 17)
Parameter
Conditions
Min
Typ
Max
Units
Operating Supply Voltage
2.5
10
12
V
Supply Current
Pin 3 = -0.1V, Pin 9 = 2V, Pin 11 = 0.8V
3.6
6
mA
Reference Pulse Width
fIN = 1Hz to 2kHz, R = 150kΩ, C = 0.001µF
70
100
130
µs
Logic Input Bias Current
VIN = 2V, (Pin 9 and Pin 11)
5
µA
Signal Input Bias Current
VIN = 0V dc, (Pin 3)
-200
nA
Logic Threshold
(Pin 9 and Pin 11)
0.8
1.1
2.0
V
VOUT High
RL = 1kΩ, (Pin 10)
7.5
8.6
V
VOUT Low
ISINK = 0.1mA, (Pin 10)
0.3
0.4
V
Output Leakage Pin 12
V12 = 11V
0.01
10
µA
Saturation Voltage P12
I12 = 2mA
0.2
0.4
V
Input Zero Crossing Threshold
All Modes, VSIGNAL = 1V pk-pk
-25
0
25
mV(1)
Mode 1, Pin 5 = Open
30
45
60
mV(1)
Minimum Input Arming Threshold
Mode 2, Pin 5 = VCC
200
300
450
mV(1)
Mode 3, Pin 5 = Gnd
-25
0
25
mV(1)
Mode 1, Pin 5 = Open
40
80
90
%(1)
VSIGNAL ≥ 230mV pk-pk
(2)
Mode 2, Pin 5 = VCC
Adaptive Input Arming Threshold
80
%(1)
VSIGNAL ≥ 1.0V pk-pk
(2)
Mode 3, Pin 5 = Gnd
80
%(1)
VSIGNAL ≥ 150mV pk-pk
(2)
(1)
The Min/Typ Max limits are relative to the positive voltage peak seen at VIN Pin 3.
(2)
Tested per Figure 17, VSIGNAL is a Sine Wave; FSIGNAL is 1000Hz.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1815


Similar Part No. - LM1815M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1815M NSC-LM1815M Datasheet
133Kb / 6P
   Adaptive Variable Reluctance Sensor Amplifier
logo
Texas Instruments
LM1815MX TI1-LM1815MX Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815MXEP NSC-LM1815MXEP Datasheet
441Kb / 12P
   Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
More results

Similar Description - LM1815M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1815MX TI1-LM1815MX Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815 NSC-LM1815 Datasheet
133Kb / 6P
   Adaptive Variable Reluctance Sensor Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM1815 ARTSCHIP-LM1815 Datasheet
366Kb / 7P
   Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815EP NSC-LM1815EP Datasheet
441Kb / 12P
   Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_09 Datasheet
527Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 2; 3/09
MAX9924 MAXIM-MAX9924_11 Datasheet
399Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 3; 3/11
MAX9924 MAXIM-MAX9924_V01 Datasheet
1Mb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
MAX9924 MAXIM-MAX9924 Datasheet
317Kb / 22P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
MAX9924 MAXIM-MAX9924_12 Datasheet
348Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 4; 3/12
logo
ON Semiconductor
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com