Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX758AMJA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX758AMJA
Description  Adjustable, Step-Down, Current-Mode PWM Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX758AMJA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX758AMJA Datasheet HTML 7Page - Maxim Integrated Products MAX758AMJA Datasheet HTML 8Page - Maxim Integrated Products MAX758AMJA Datasheet HTML 9Page - Maxim Integrated Products MAX758AMJA Datasheet HTML 10Page - Maxim Integrated Products MAX758AMJA Datasheet HTML 11Page - Maxim Integrated Products MAX758AMJA Datasheet HTML 12Page - Maxim Integrated Products MAX758AMJA Datasheet HTML 13Page - Maxim Integrated Products MAX758AMJA Datasheet HTML 14Page - Maxim Integrated Products MAX758AMJA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Adjustable, Step-Down,
Current-Mode PWM Regulators
______________________________________________________________________________________
11
OUTPUT
5V
MAX750A: 4.0V TO 11.0V
MAX758A: 4.0V TO 16.0V
LX
CC
GND
SS
MAX750A
MAX758A
SHDN
V+
REF
L1
*
I.C.
1
3
7
5
4
62
C6
0.01µF
C2
1µF
C3
*
D1
IN5817
C5
330pF
R3
13.0k
C4
*
8
R1
510k
C1
0.1µF
FILTER
OUTPUT
L2
25µF
C7
2.2µF
OUTPUT
OPTIONAL LOWPASS OUTPUT FILTER
INPUT SUPPLY RANGE
(V)
6.0 to 11.0
6.0 to 16.0
10.2 to 16.0
PART
MAX750A
MAX758A
GUARANTEED OUTPUT CURRENT AT 5V OUTPUT
(mA)
450
450
750
NOTE: PIN NUMBERS REFER TO 8-PIN PACKAGES.
R2
40.2k
* SEE TABLE 2 FOR EXTERNAL COMPONENT SUPPLIERS.
Figure 3. Standard Step-Down Circuit
and GND pins as possible. Also, place the output
capacitor as close to the inductor and the GND pin as
possible. The traces connecting the input and output
filter capacitors and the catch diode must be short to
minimize inductance and capacitance. For this reason,
avoid using sockets, and solder the IC directly to the
PC board. Use an uninterrupted ground plane if possi-
ble; otherwise, use a star ground connection.
Output-Ripple Filtering
A simple lowpass pi-filter (Figure 3) can be added to
the output to reduce output ripple to about 5mVp-p.
The cutoff frequency with the values shown is 21kHz.
Since the filter inductor is in series with the circuit out-
put, its resistance should be kept to a minimum so the
voltage drop across it is not excessive.


Similar Part No. - MAX758AMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500-MAX7502 MAXIM-MAX7500-MAX7502 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
   MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
More results

Similar Description - MAX758AMJA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
   ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
   Adjustable inverting negative output current mode PWM regulators
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
logo
Maxim Integrated Produc...
MAX732 MAXIM-MAX732 Datasheet
452Kb / 12P
   12V/15V Step-Up Current-Mode Pwm Regulators
19-3966; Rev 2; 3/96
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Maxim Integrated Produc...
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX735 MAXIM-MAX735 Datasheet
311Kb / 8P
   -5V/Adjustable, Negative-Output,Inverting, Current-mode PWM Regulators
19-0017; Rev 1; 9/92
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
   Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com