Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8645 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP8645
Description  LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8645 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP8645_15 Datasheet HTML 7Page - Texas Instruments LMP8645_15 Datasheet HTML 8Page - Texas Instruments LMP8645_15 Datasheet HTML 9Page - Texas Instruments LMP8645_15 Datasheet HTML 10Page - Texas Instruments LMP8645_15 Datasheet HTML 11Page - Texas Instruments LMP8645_15 Datasheet HTML 12Page - Texas Instruments LMP8645_15 Datasheet HTML 13Page - Texas Instruments LMP8645_15 Datasheet HTML 14Page - Texas Instruments LMP8645_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
+IN
-IN
V
+
RS
V
-
RGAIN
VOUT
LMP8645
RIN-
RIN+
IS
+
-
+
L
o
a
d
VSENSE
RG
IS
RIN = 1/Gm
LMP8645, LMP8645HV
www.ti.com
SNOSB29G – NOVEMBER 2009 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
Operating from a 2.7-V to 12-V supply range, the LMP8645 accepts input signals with a common-mode voltage
range of –2 V to 42 V, while the LMP8645HV accepts input signals with a common-mode voltage range of –2 V
to 76 V. The LMP8645 and LMP8645HV have adjustable gain, set by a single resistor, for applications where
supply current and high common-mode voltage are the determining factors.
7.1.1 Theory of Operation
Figure 15. Current Monitor Example Circuit
As seen in Figure 15, the current flowing through the shunt resistor ( RS) develops a voltage drop equal to
VSENSE across RS. The resulting voltage at the –IN pin will now be less than +IN pin proportional to the VSENSE
voltage.
The sense amplifier senses this indifference and increases the gate drive to the MOSFET to increase IS′ current
flowing through the RIN+ string until the amplifer inputs are equal. In this way, the voltage drop across RIN+ now
matches the votlage drop across VSENSE.
The RIN resistors are trimmed to a nominal value of 5 kΩ each. The current IS′ flows through RIN+ , the MOSFET,
and RGAIN to ground. The IS′ current generates the voltage VG across RGAIN. The gain is created bythe ratio of
RGAIN and RIN.
A current proportional to IS is generated according to the following relation:
IS′ = VSENSE / RIN = RS × IS / RIN
where
RIN = 1 / Gm
(1)
This current flows entirely in the external gain resistor developing a voltage drop equal to:
VG = IS′ × RGAIN = (VSENSE / RIN) × RGAIN = ( (RS × IS) / RIN ) × RGAIN
(2)
This voltage is buffered and presented at the output with a very low output impedance allowing a very easy
interface to other devices (ADC,
μC…).
VOUT = (RS × IS) × G
where
G = RGAIN / RIN
(3)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP8645 LMP8645HV


Similar Part No. - LMP8645_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8645HV NSC-LMP8645HV Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8645HV TI1-LMP8645HV Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645HVMK NSC-LMP8645HVMK Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8645HVMK TI1-LMP8645HVMK Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645HVMK/NOPB TI1-LMP8645HVMK/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
More results

Similar Description - LMP8645_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com