Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX768EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX768EEE
Description  Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX768EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX768EEE Datasheet HTML 1Page - Maxim Integrated Products MAX768EEE Datasheet HTML 2Page - Maxim Integrated Products MAX768EEE Datasheet HTML 3Page - Maxim Integrated Products MAX768EEE Datasheet HTML 4Page - Maxim Integrated Products MAX768EEE Datasheet HTML 5Page - Maxim Integrated Products MAX768EEE Datasheet HTML 6Page - Maxim Integrated Products MAX768EEE Datasheet HTML 7Page - Maxim Integrated Products MAX768EEE Datasheet HTML 8Page - Maxim Integrated Products MAX768EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Noise, Dual-Output, Regulated Charge Pump
for GaAsFET, LCD, and VCO Supplies
_______________________________________________________________________________________
5
_____________________________Typical Operating Characteristics (continued)
(SYNC = IN, TA = +25°C, unless otherwise noted.)
140
0
2.5
3.0
4.0
POUT MAXIMUM OUTPUT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.5
40
20
80
60
100
120
ONLY POUT LOADED
90
0
2.5
3.0
4.0
5.0
NOUT MAXIMUM OUTPUT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
20
10
40
30
50
60
70
80
ONLY NOUT LOADED
+3V,
PSHDN = NSHDN
+5V, VPOUT
-5V, VNOUT
0V,
RDY
0V
TIME TO EXIT SHUTDOWN
MAX768-TOC15
1ms/div
VPOUT, 500µV/div
AC COUPLED
POUT OUTPUT NOISE AND RIPPLE
MAX768-TOC16
500
µs/div
POUT = +5V AT 5mA
IN = 3.0V
VNOUT, 500µV/div
AC COUPLED
NOUT OUTPUT NOISE AND RIPPLE
MAX768-TOC17
500
µs/div
NOUT = -5V AT 5mA
IN = 3.0V


Similar Part No. - MAX768EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761C/D MAXIM-MAX761C/D Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CPA MAXIM-MAX761CPA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761CSA MAXIM-MAX761CSA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX761EPA MAXIM-MAX761EPA Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
More results

Similar Description - MAX768EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
Semtech Corporation
SC613 SEMTECH-SC613 Datasheet
375Kb / 14P
   Low Noise Regulated Charge Pump with Selectable Output
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200 Datasheet
159Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com