Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX757EPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX757EPA
Description  3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX757EPA Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX757EPA Datasheet HTML 1Page - Maxim Integrated Products MAX757EPA Datasheet HTML 2Page - Maxim Integrated Products MAX757EPA Datasheet HTML 3Page - Maxim Integrated Products MAX757EPA Datasheet HTML 4Page - Maxim Integrated Products MAX757EPA Datasheet HTML 5Page - Maxim Integrated Products MAX757EPA Datasheet HTML 6Page - Maxim Integrated Products MAX757EPA Datasheet HTML 7Page - Maxim Integrated Products MAX757EPA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3.3V/5V/Adjustable-Output
Step-Up DC-DC Converters
3.3V/5V/Adjustable-Output,
Step-Up DC-DC Converters
GND
GND
LBI
OUT
3/5 (MAX756)
FB (MAX757)
REF
SHDN
LX
LBO
0.122"
(3.10mm)
0.080"
(2.03mm)
___________________Chip Topography
________________________________________________________Package Information
L
DIM
A
A1
B
C
D
E
e
H
h
L
α
MIN
0.053
0.004
0.014
0.007
0.189
0.150
0.228
0.010
0.016
MAX
0.069
0.010
0.019
0.010
0.197
0.157
0.244
0.020
0.050
MIN
1.35
0.10
0.35
0.19
4.80
3.80
5.80
0.25
0.40
MAX
1.75
0.25
0.49
0.25
5.00
4.00
6.20
0.50
1.27
INCHES
MILLIMETERS
α
8-PIN PLASTIC
SMALL-OUTLINE
PACKAGE
H
E
D
e
A
A1
C
h x 45˚
0.127mm
0.004in.
B
1.27 BSC
0.050 BSC
21-325A
PC Layout and Grounding
The MAX756/MAX757 high peak currents and high-fre-
quency operation make PC layout important for mini-
mizing ground bounce and noise. The distance
between the MAX756/MAX757’s GND pin and the
ground leads of C1 and C2 in Figure 1 must be kept to
less than 0.2" (5mm). All connections to the FB and LX
pins should also be kept as short as possible. To
obtain maximum output power and efficiency and mini-
mum output ripple voltage, use a ground plane and
solder the MAX756/MAX757 GND (pin 7) directly to the
ground plane.
TRANSISTOR COUNT: 758
SUBSTRATE CONNECTED TO OUT
8
_______________________________________________________________________________________


Similar Part No. - MAX757EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7574AD MAXIM-MAX7574AD Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
MAX7574AQ MAXIM-MAX7574AQ Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
MAX7574BD MAXIM-MAX7574BD Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
MAX7574BQ MAXIM-MAX7574BQ Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
MAX7574JCWN MAXIM-MAX7574JCWN Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
More results

Similar Description - MAX757EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302 LINER-LT1302 Datasheet
360Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com