Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX777L Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX777L
Description  Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX777L Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX777L Datasheet HTML 1Page - Maxim Integrated Products MAX777L Datasheet HTML 2Page - Maxim Integrated Products MAX777L Datasheet HTML 3Page - Maxim Integrated Products MAX777L Datasheet HTML 4Page - Maxim Integrated Products MAX777L Datasheet HTML 5Page - Maxim Integrated Products MAX777L Datasheet HTML 6Page - Maxim Integrated Products MAX777L Datasheet HTML 7Page - Maxim Integrated Products MAX777L Datasheet HTML 8Page - Maxim Integrated Products MAX777L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Voltage Input, 3V/3.3V/5V/
Adjustable Output, Step-Up DC-DC Converters
_______________________________________________________________________________________
3
Note 2: Output in regulation, VOUT = VOUT (nominal) ±4%.
Note 3: At high VIN to VOUT differentials, the maximum load current is limited by the maximum allowable power dissipation in the
package (see
Absolute Maximum Ratings).
Note 4: Minimum value is production tested. Maximum value is guaranteed by design and is not production tested.
Note 5: VOUT is set to a target value of +5V by 0.1% external feedback resistors. VOUT is measured to be 5V ±2.5% to guarantee the
error comparator trip point.
Note 6: Start-Up guaranteed under these load conditions.
PARAMETER
Maximum Switch On Time
MIN
TYP
MAX
12.6
UNITS
Switch Saturation Voltage
µs
0.275
1.2
-0.3
µs
%/°C
Current Limit
1.0
A
Minimum Switch Off Time
0.33
0.50
V
2.2
4.0
0.21
V
5.9
0.31
Rectifier Forward Voltage Drop
SHDN Threshold
0.50
Error-Comparator Trip Point
197.5
202.5
207.5
VIN/2 + 0.25
mV
V
FB Pin Bias Current
1.20
1.6
10
40
nA
Switch Off Leakage Current
SHDN Enable Delay
0.1
µA
150
µs
Rectifier Off Leakage Current
0.1
µA
CONDITIONS
VIN = 1V
ISW = 400mA
MAX777L, MAX779L
ISW = 600mA
ISW = 1000mA
MAX778
ISW = 400mA
VIN = 2.5V
VIN = 1.8V
ISW = 600mA
ISW = 1000mA
MAX779L, over operating input voltage (Note 5)
VIN = 1V to 4.5V
VIN = 2.5V
MAX779L, VFB = 0.3V
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +2.5V, ILOAD = 0mA, L = 22µH, COUT = 100µF, SHDN and ILIM connected to IN, AGND connected to PGND, TA = TMIN to TMAX,
typical values are at TA = +25°C, unless otherwise noted.)
Current-Limit Temperature
Coefficient


Similar Part No. - MAX777L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX77714 MAXIM-MAX77714 Datasheet
2Mb / 20P
   Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX77714EVKIT MAXIM-MAX77714EVKIT Datasheet
2Mb / 20P
   MAX77714 Multichannel MAX77714 Multichannel
319-100195; Rev 0; 5/18
MAX77714EVKIT# MAXIM-MAX77714EVKIT# Datasheet
2Mb / 20P
   MAX77714 Multichannel MAX77714 Multichannel
319-100195; Rev 0; 5/18
logo
Analog Devices
MAX77720 AD-MAX77720 Datasheet
2Mb / 52P
   Wide Output-Voltage Range, Dual- Polarity PMIC
19-101733; Rev 0; 9/23
More results

Similar Description - MAX777L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
logo
Shenzhen Huazhimei Semi...
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
   3.3V~5V Input 24W Output Step-up DC/DC Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
   3.3V~5V Input 12W Output Step-up DC/DC Converter
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com