Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX910 Datasheet(PDF) 5 Page - CML Microcircuits

Part # CMX910
Description  Flexible Signal Channels
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX910 Datasheet(HTML) 5 Page - CML Microcircuits

  CMX910 Datasheet HTML 1Page - CML Microcircuits CMX910 Datasheet HTML 2Page - CML Microcircuits CMX910 Datasheet HTML 3Page - CML Microcircuits CMX910 Datasheet HTML 4Page - CML Microcircuits CMX910 Datasheet HTML 5Page - CML Microcircuits CMX910 Datasheet HTML 6Page - CML Microcircuits CMX910 Datasheet HTML 7Page - CML Microcircuits CMX910 Datasheet HTML 8Page - CML Microcircuits CMX910 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
AIS Baseband Processor
CMX910
© 2009 CML Microsystems Plc
5
D/910/6
3.
Signal List
Package
Q1 or L9
Signal
Description
Pin No.
Name
Type
1
AVSS
Power
Analogue negative supply rail (ground)
2
IRX1P
I/P
Receive “I” channel 1, positive input
3
IRX1N
I/P
Receive “I” channel 1, negative input
4
QRX1P
I/P
Receive “Q” channel 1, positive input
5
QRX1N
I/P
Receive “Q” channel 1, negative input
6
VBIAS
O/P
A bias line for the internal circuitry, held at ½ AVDD. This pin must
be decoupled to AVSS by a capacitor mounted close to the device
pins
7
ITXP
O/P
Transmit “I” channel, positive output
8
ITXN
O/P
Transmit “I” channel, negative output
9
QTXP
O/P
Transmit “Q” channel, positive output
10
QTXN
O/P
Transmit “Q” channel, negative output
11
AVSS
Power
Analogue negative supply rail (ground)
12
IRX2P
I/P
Receive “I” channel 2, positive input
13
IRX2N
I/P
Receive “I” channel 2, negative input
14
QRX2P
I/P
Receive “Q” channel 2, positive input
15
QRX2N
I/P
Receive “Q” channel 2, negative input
16
AVDD
Power
Analogue positive supply rail. Decouple to AVSS
17
IOVDD
Power
Digital I/O positive supply rail. Decouple to DVSS
18
ENAB0
O/P
Enable output 0
19
ENAB1
O/P
Enable output 1
20
ENAB2
O/P
Enable output 2
21
ENAB3
O/P
Enable output 3
22
ENAB4
O/P
Enable output 4
23
ENAB5
O/P
Enable output 5
24
DVSS
Power
Digital negative supply rail (ground)
25
FSK_MUTE
I/P
FSK RF squelch indicator
26
FSK_DET
I/P
FSK baseband energy detect indicator
27
FSK_RXD
I/P
Raw FSK demodulator input data
28
REFCLK
I/P
Master input clock (multiple of 2.4MHz)
29
RESETN
I/P
Active low chip reset
30
UTC1PPS
I/P
1Hz UTC sync pulse, typically from GNSS receiver
31
SLOTCLKN
O/P
Slot clock output (active low), pulses at the start of each AIS slot.
Configurable as a ‘wire-ORable’ output, requiring an external pullup
resistor, or as an active pullup/pulldown.
32
IRQN
O/P
A ‘wire-ORable’ output for connection to the host µC's Interrupt
Request input. This output has a low impedance pull down to DVSS
when active and is high impedance when inactive. An external
pullup resistor is required.


Similar Part No. - CMX910

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX909B CMLMICRO-CMX909B Datasheet
1Mb / 51P
   Full and Short Data Packet Framing
CMX90A702 CMLMICRO-CMX90A702 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90A702QH-R701 CMLMICRO-CMX90A702QH-R701 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90A702QH-R705 CMLMICRO-CMX90A702QH-R705 Datasheet
1Mb / 19P
   CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
2022
CMX90G301 CMLMICRO-CMX90G301 Datasheet
1Mb / 16P
   CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
September 2022
More results

Similar Description - CMX910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424662 PHOENIX-1424662 Datasheet
90Kb / 4P
   Flexible signal and data cabling
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
   FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
logo
GREEGOO Electric Co.,Lt...
GCM-5A10N32 GREEGOO-GCM-5A10N32 Datasheet
576Kb / 3P
   GCM-5A10N32 ( 3 channels NO & 2 channels NC )
logo
ON Semiconductor
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
   6 Channels PMIC
August, 2014 ??Rev. 3
logo
Purdy Electronics Corpo...
OPTO-232C PURDY-OPTO-232C Datasheet
579Kb / 1P
   4 Channels Modems
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
LinkCom Manufacturing C...
45W-MB4N LINKCOM-45W-MB4N Datasheet
347Kb / 2P
   45W Multiple Channels
logo
Keysight Technologies
M8048A KEYSIGHT-M8048A Datasheet
1Mb / 7P
   M8048A ISI Channels
logo
Schneider Electric
NY320N2RB1 SCHNEIDER-NY320N2RB1 Datasheet
84Kb / 2P
   Intrinsically processing module 2 input channels and 2 recopying channels
NY340N4RB1 SCHNEIDER-NY340N4RB1 Datasheet
96Kb / 1P
   Intrinsically processing module 4 input channels and 4 recopying channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com