Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX774ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX774ESA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX774ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX774ESA Datasheet HTML 6Page - Maxim Integrated Products MAX774ESA Datasheet HTML 7Page - Maxim Integrated Products MAX774ESA Datasheet HTML 8Page - Maxim Integrated Products MAX774ESA Datasheet HTML 9Page - Maxim Integrated Products MAX774ESA Datasheet HTML 10Page - Maxim Integrated Products MAX774ESA Datasheet HTML 11Page - Maxim Integrated Products MAX774ESA Datasheet HTML 12Page - Maxim Integrated Products MAX774ESA Datasheet HTML 13Page - Maxim Integrated Products MAX774ESA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
With light loads, the MOSFET switches on for one or
more cycles and then switches off, much like in tradi-
tional PFM converters. To increase light-load efficiency,
the current limit for the first two pulses is set to one-half
the peak current limit. If those pulses bring the output
voltage into regulation, the voltage comparator keeps
the MOSFET off, and the current limit remains at one-half
the peak current limit. If the output voltage is out of
regulation after two consecutive pulses, the current limit
for the next pulse will equal the full current limit.
With heavy loads, the MOSFET first switches twice at
one-half the peak current value. Subsequently, it stays
on until the switch current reaches the full current limit,
and then turns off. After it is off for 2.3µs, the MOSFET
switches on once more, and remains on until the switch
current again reaches its limit. This cycle repeats until
the output is in regulation.
A benefit of this control scheme is that it is highly effi-
cient over a wide range of input/output ratios and load
currents. Additionally, PFM converters do not operate
with constant-frequency switching, and have relaxed
stability criterion (unlike PWM converters). As a result,
their external components require smaller values.
With PFM converters, the output voltage ripple is not
concentrated at the oscillator frequency (as it is with
PWM converters). So for applications where the ripple
frequency is important, the PWM control scheme must
be used. However, for many other applications, the
smaller capacitors and lower supply current of the PFM
control scheme make it the better choice. The output
voltage ripple with the MAX774/MAX775/MAX776 can
be held quite low. For example, using the circuit of
Figure 2, only 100mV of output ripple is produced when
generating a -5V at 1A output from a +5V input.
Bootstrapped vs.
Non-Bootstrapped Operation
Figures 2 and 3 are the standard application circuits for
bootstrapped mode, and Figure 4 is the circuit for non-
bootstrapped mode. Since EXT is powered by OUT,
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ Inverting DC-DC Controllers
10
______________________________________________________________________________________
MAX774
MAX775
MAX776
OUT
V+
SHDN
CS
FB
EXT
GND
P
7
8
C2
0.1
µF
R1
0.07
C1
150
µF
6
5
2
3
1
REF
4
Q1
Si9435
1N5822/
MBR340
L1
22
µH
C4
*
VIN
C3
0.1
µF
VOUT
* MAX774 = 330
µF, 10V
MAX775, MAX776 = 120
µF, 20V
PRODUCT
MAX774
MAX775
MAX776
OUTPUT
VOLTAGE (V)
-5
-12
-15
INPUT
VOLTAGE (V)
3 to 15
3 to 8
3 to 5
OUTPUT
CURRENT (A)
1
0.5
0.4
NOTE: Si9435 HAS VGS OF 20V MAX
MAX774
MAX775
MAX776
OUT
V+
SHDN
CS
FB
EXT
GND
P
7
8
R2
R3
0.07
C1
150
µF
6
5
2
3
1
REF
4
Q1
Si9435
1N5822/
MBR340
L1
22
µH
C4
*
VIN
C3
0.1
µF
VOUT
C2
0.1
µF
R1
* MAX774 = 330
µF, 10V
MAX775, MAX776 = 120
µF, 20V
Figure 2. Bootstrapped Connection Using Fixed Output
Voltages
Figure 3. Bootstrapped Connection Using External Feedback
Resistors
Figure 4. Non-Bootstrapped Operation (VIN > 4.5V)
MAX774
MAX775
MAX776
OUT
V+
SHDN
CS
FB
EXT
GND
P
7
8
R2
R3
0.07
C1
150
µF
6
5
2
3
1
REF
4
Q1
Si9435
1N5822/
MBR340
L1
22
µH
C4
*
VIN
C3
0.1
µF
VOUT
C2
0.1
µF
R1
* MAX774 = 330
µF, 10V
MAX775, MAX776 = 120
µF, 20V


Similar Part No. - MAX774ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX774ESA MAXIM-MAX774ESA Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
More results

Similar Description - MAX774ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com