Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G50T Datasheet(PDF) 7 Page - International Rectifier

Part # M3G50T
Description  50V Input, Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G50T Datasheet(HTML) 7 Page - International Rectifier

Back Button M3G50T Datasheet HTML 2Page - International Rectifier M3G50T Datasheet HTML 3Page - International Rectifier M3G50T Datasheet HTML 4Page - International Rectifier M3G50T Datasheet HTML 5Page - International Rectifier M3G50T Datasheet HTML 6Page - International Rectifier M3G50T Datasheet HTML 7Page - International Rectifier M3G50T Datasheet HTML 8Page - International Rectifier M3G50T Datasheet HTML 9Page - International Rectifier M3G50T Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.irf.com
7
M3G-SERIES
(50V Input, Triple Output)
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
±15V Load Current ( Amps each )
±15V Load Regulation vs 5V Load
5V load = 4A
5V load = 2A
5V load = 0.4A
Figure 3.
Figure 2.
10
10.5
11
11.5
12
12.5
13
13.5
14
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
±12V Load Current ( Amps each )
±12V Load Regulation vs 5V Load
5V load = 4A
5V load = 2A
5V load = 0.4A


Similar Part No. - M3G50T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G5003R305T IRF-M3G5003R305T Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R305TCKA IRF-M3G5003R305TCKA Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R305TCKC IRF-M3G5003R305TCKC Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R305TEMA IRF-M3G5003R305TEMA Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R305TEMC IRF-M3G5003R305TEMC Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G50T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
M3G70T IRF-M3G70T_15 Datasheet
177Kb / 12P
   70V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3G2803R305R4T IRF-M3G2803R305R4T_15 Datasheet
149Kb / 9P
   28V Input, Triple Output
M3G2803R312T IRF-M3G2803R312T_15 Datasheet
147Kb / 10P
   28V Input, Triple Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
logo
uPI Group Inc.
UP7537 UPI-UP7537 Datasheet
218Kb / 14P
   Dual-Input Triple-Output Power Multiplexer
logo
GAPTEC Electronic GmbH ...
3S8A GAPTEC-3S8A Datasheet
715Kb / 3P
   3W - Triple Output - Fixed Input - Isolated & Unregulated
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com