Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8503 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8503
Description  Computer Peripherals
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8503 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8503 Datasheet HTML 3Page - Analog Microelectronics AME8503 Datasheet HTML 4Page - Analog Microelectronics AME8503 Datasheet HTML 5Page - Analog Microelectronics AME8503 Datasheet HTML 6Page - Analog Microelectronics AME8503 Datasheet HTML 7Page - Analog Microelectronics AME8503 Datasheet HTML 8Page - Analog Microelectronics AME8503 Datasheet HTML 9Page - Analog Microelectronics AME8503 Datasheet HTML 10Page - Analog Microelectronics AME8503 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AME
7
AME8503
Rev. A.01
µµµµµProcessor Supervisory
n
Electrical Specifications
T
A=27
o
C, unless otherwise specified.
Symbol
Test Condition
Min
Typ
Max
Units
RESET
0.9
6
RESET
1.1
6
IDD
VDD=5V, TA=27
oC
3
8
µA
VTH
TA=27
oC
1.2 to 4.5
V
∆VTH
TA=27
oC
-1.5
1.5
%
tRD
Drop=VTH-125mV
20
µs
Version B
0
0
0
Version C
35
55
75
Version D
143
220
297
Version G
292
450
608
VIL
0.3
VIH
0.8
VDD<VTH(MIN), ISINK=3.5mA,
VTH 3V
0.4
VDD<VTH(MIN), ISINK=1.2mA,
VTH 1.8V
0.3
VTH(MIN) >VDD>1V,
ISINK=0.5mA
0.3
VDD>VTH(MAX), ISINK=3.5mA,
VTH 3V
0.4
VDD>VTH(MAX), ISINK=1.2mA,
VTH 1.8V
0.3
VDD>VTH(MAX), ISINK=0.5mA,
VTH 1.2V
0.3
VHYS
0.01VTH
V
VOL
V
VDD
V
RESET Output Voltage Low
VOL
V
VDD
1.02 x VTH
ms
MR Input Threshold
TA=27
oC
V
Reset Active Time
Out Period
tRP
Hysteresis Width
Parameter
VDD Drop to Reset Delay
Supply Current
Reset Threshold
Threshold Voltage Accuracy
Operating VDD(VOUT) Range
RESET Output Voltage Low


Similar Part No. - AME8503

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Similar Description - AME8503

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXA1 VECTRON-VXA1 Datasheet
52Kb / 2P
   crystals offers the most popular crystal package for computer and peripherals
logo
List of Unclassifed Man...
BCM2711 ETC1-BCM2711 Datasheet
1Mb / 208P
   ARM Peripherals
logo
Maxim Integrated Produc...
MAX28200WEVKIT MAXIM-MAX28200WEVKIT Datasheet
3Mb / 21P
   Integrated Peripherals
Rev 1; 5/19
logo
Zilog, Inc.
Z80 ZILOG-Z80 Datasheet
2Mb / 330P
   Z80 CPU PERIPHERALS
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF_15 Datasheet
447Kb / 1P
   PC/104 Peripherals
logo
Synaptics Incorporated.
CX20805 CONEXANT-CX20805 Datasheet
112Kb / 2P
   Unified Communication Peripherals
logo
ADL Embedded Solutions
104-PWR-500A ADL-104-PWR-500A Datasheet
294Kb / 2P
   PC/104 - Peripherals
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
   Embedded Computing Peripherals
logo
ADL Embedded Solutions
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
   PC/104 Peripherals
logo
Broadcom Corporation.
BCM2837 BOARDCOM-BCM2837 Datasheet
3Mb / 205P
   BCM2835 ARM Peripherals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com