Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G2803R312T Datasheet(PDF) 8 Page - International Rectifier

Part # M3G2803R312T
Description  28V Input, Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G2803R312T Datasheet(HTML) 8 Page - International Rectifier

Back Button M3G2803R312T_15 Datasheet HTML 2Page - International Rectifier M3G2803R312T_15 Datasheet HTML 3Page - International Rectifier M3G2803R312T_15 Datasheet HTML 4Page - International Rectifier M3G2803R312T_15 Datasheet HTML 5Page - International Rectifier M3G2803R312T_15 Datasheet HTML 6Page - International Rectifier M3G2803R312T_15 Datasheet HTML 7Page - International Rectifier M3G2803R312T_15 Datasheet HTML 8Page - International Rectifier M3G2803R312T_15 Datasheet HTML 9Page - International Rectifier M3G2803R312T_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.irf.com
M3G2803R312T
Figure 4. Conducted Emissions, Common Mode
0
10
20
30
40
50
60
70
80
90
100
1E3
1E4
1E5
1E6
1E7
1E8
Frequency ( Hz )
CEO3 LIMIT
Radiation Performance Characteristics
International Rectifier currently does not have a DLA Land and Maritime certified Radiation Hardness
Assurance Program.
Test Inspection
Method
Min
Typ
Unit
MIL-PRF-883, Method 1019
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
Full Rated Load, VIN = 28V
200
300
Krads(Si)
Dose Rate (Gamma Dot)
MIL-STD-883, Method 1023
Temporary Saturation
Operating bias applied during exposure,
1E8
Rads(Si)/sec
Survival
Full Rated Load, VIN = 28V
4E10
1E11
Neutron Fluence
MIL-STD-883, Method 1017
8E12
1E13
Neutrons/cm
2
Heavy Ions (LET)
Single Event Effects
Operating bias applied during exposure,
SEU, SEL, SEGR, SEB
Full Rated Load, VIN = 28V
82
MeVxcm
2
/mg
Test lab: Brookhaven National Laboratory,
Tandem Van de Graaff Generator


Similar Part No. - M3G2803R312T_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G2803R312T_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3G2803R305R4T IRF-M3G2803R305R4T_15 Datasheet
149Kb / 9P
   28V Input, Triple Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com