Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3H Datasheet(PDF) 3 Page - International Rectifier

Part # M3H
Description  28V Input, Single/Dual Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H Datasheet(HTML) 3 Page - International Rectifier

  M3H Datasheet HTML 1Page - International Rectifier M3H Datasheet HTML 2Page - International Rectifier M3H Datasheet HTML 3Page - International Rectifier M3H Datasheet HTML 4Page - International Rectifier M3H Datasheet HTML 5Page - International Rectifier M3H Datasheet HTML 6Page - International Rectifier M3H Datasheet HTML 7Page - International Rectifier M3H Datasheet HTML 8Page - International Rectifier M3H Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.irf.com
3
M3H-SERIES
1
Meets derating per MIL-STD-975
2
For operation at +125°C see table note 13
Electrical Performance Characteristics
For Notes to Specifications, refer to page 5
Input voltage range
-0.5Vdc to +60Vdc
Input voltage range
+18Vdc to +40Vdc
Output power
Internally limited
Input voltage range
1
+18Vdc to +38Vdc
Lead temperature
+300°C for 10 seconds Output power
0 to Max. Rated
Operating temperature
-55°C to +135°C
Operating temperature
2
-55°C to +125°C
Storage temperature
-55°C to +135°C
Operating temperature
1
-55°C to +70°C
Recommended Operating Conditions
Absolute Maximum Ratings
Specifications
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
18
28
40
V
Output Voltage ( Vout )
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1
1
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
3.27
4.95
5.17
11.88
14.85
±4.95
±11.88
±14.85
3.23
4.90
5.13
11.76
14.70
±4.90
±11.76
±14.70
3.30
5.00
5.20
12.00
15.00
±5.00
±12.00
±15.00
3.33
5.05
5.23
12.12
15.15
±5.05
±12.12
±15.15
3.37
5.10
5.27
12.24
15.30
±5.10
±12.24
±15.30
V
Output power ( POUT )
M3H2803R3S
All Others
1,2,3
VIN = 18, 28, 40 Volts, Note 2
0
0
30
40
W
Output current ( IOUT )
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1,2,3
VIN = 18, 28, 40 Volts, Note 2
Either Output, Note 3
Either Output, Note 3
Either Output, Note 3
0
0
0
0
0
0
0
0
9.10
8.00
7.70
3.34
2.67
6.40
2.67
2.14
A
Line regulation ( VRLINE )
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 0, 50%, 100% rated, Note 4
-0.5
0.5
%
Load regulation ( VRLOAD )
1,2,3
IOUT = 0, 50%, 100% rated, Note 4
VIN = 18, 28, 40 Volts
-1.0
1.0
%
Cross regulation ( VRCROSS )
M3H2805D
M3H2812D
M3H2815D
1,2,3
Duals only, Note 5
VIN = 18, 28, 40 Volts
-5.0
-3.0
-3.0
5.0
3.0
3.0
%


Similar Part No. - M3H

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3H MTRONPTI-M3H Datasheet
251Kb / 1P
   8 pin DIP, 5.0 or 3.3 Volt, HCMOS/TTL Clock Oscillator
M3H MTRONPTI-M3H Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
M3H MTRONPTI-M3H Datasheet
393Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
logo
Tyco Electronics
M3H-50 MACOM-M3H-50 Datasheet
84Kb / 1P
   Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
More results

Similar Description - M3H

ManufacturerPart #DatasheetDescription
logo
International Rectifier
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com