Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB102 Datasheet(PDF) 5 Page - CML Microcircuits

Part # DB102
Description  Low Signal Level Input of 10mVrms
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB102 Datasheet(HTML) 5 Page - CML Microcircuits

  DB102 Datasheet HTML 1Page - CML Microcircuits DB102 Datasheet HTML 2Page - CML Microcircuits DB102 Datasheet HTML 3Page - CML Microcircuits DB102 Datasheet HTML 4Page - CML Microcircuits DB102 Datasheet HTML 5Page - CML Microcircuits DB102 Datasheet HTML 6Page - CML Microcircuits DB102 Datasheet HTML 7Page - CML Microcircuits DB102 Datasheet HTML 8Page - CML Microcircuits DB102 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Autocorrelating Signal Processor
5
MX102
© 1997 MX•COM,INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480095.003
4800 Bethania Station road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
VDD (V)
Max. Xtal/Clock Freq. (MHz)
2.5
0.625
3.0
1.0
5.0
2.5
Table 2: Maximum Usable Xtal/Clock Frequencies
3. External Components
V
DD
V
VDD
VDD
C5
R1
C1
V
SS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SIGNAL
IN
BUFCLK
SIGNAL
INPUT
OUTPUT
(f
=
4
x
SIGNAL
IN)
x
x
x
x
x
x
SIGNAL
BIAS
CLOCK
OUTPUT
6
MX102
XTAL
XTAL/CLOCK
6
8
C3
C2
C4
X
1
R2
XTAL
XTAL/CLOCK
Figure 2: Recommended External Components
R1
2.2M
R2
1.0M
C1
0.01µF
C2
Note 1
47.0pF -see below
C3
Note 1
47.0pF -see below
C4
Note 2
5 - 65pF -see below
C5
1.0µF
X1
560kHz resonator
X1 range
20kHz to 2.5MHz
Table 3: Recommended External Components
Recommended External Component Notes:
1.
Values of capacitors C2 and C3 should be reduced for higher Xtal frequencies and/or lower supply voltages (VDD).
2.
C4 is suggested for frequency setting when using a resonator; when a Xtal is used C4 is omitted.


Similar Part No. - DB102

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB102 SURGE-DB102 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Goodwork Semiconductor ...
DB102 GWSEMI-DB102 Datasheet
63Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
DB102 MIC-DB102 Datasheet
55Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
DB102 BILIN-DB102 Datasheet
168Kb / 3P
   SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
DB102 DACHANG-DB102 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
More results

Similar Description - DB102

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WB50NBT LSTD-WB50NBT Datasheet
1Mb / 26P
   Input Low-Level Voltage
logo
Sony Corporation
CXD304-106Q SONY-CXD304-106Q Datasheet
42Kb / 3P
   C-MOS 10-BIT PEDESTAL LEVEL REPLACEMENT OF COMPOSITE SIGNAL
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E Datasheet
387Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK Datasheet
90Kb / 6P
   TTL level input (control input)
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
Analog Devices
DAS1151 AD-DAS1151_15 Datasheet
1Mb / 4P
   LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
logo
New Japan Radio
NJM2072 NJRC-NJM2072 Datasheet
216Kb / 6P
   SIGNAL LEVEL SENSOR SYSTEM
logo
MORNSUN Science& Techno...
TM663D-S MORNSUN-TM663D-S Datasheet
131Kb / 2P
   mV-LEVEL SIGNAL AMPLIFIER
logo
New Japan Radio
NJU7181 NJRC-NJU7181 Datasheet
213Kb / 13P
   SIGNAL LEVEL SENSOR SYSTEM
logo
FSP TECHNOLOGY INC.
FSP400-70PFB FSP-FSP400-70PFB_15 Datasheet
141Kb / 1P
   industrial level of switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com