Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX792TCPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX792TCPE
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792TCPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX792TCPE Datasheet HTML 3Page - Maxim Integrated Products MAX792TCPE Datasheet HTML 4Page - Maxim Integrated Products MAX792TCPE Datasheet HTML 5Page - Maxim Integrated Products MAX792TCPE Datasheet HTML 6Page - Maxim Integrated Products MAX792TCPE Datasheet HTML 7Page - Maxim Integrated Products MAX792TCPE Datasheet HTML 8Page - Maxim Integrated Products MAX792TCPE Datasheet HTML 9Page - Maxim Integrated Products MAX792TCPE Datasheet HTML 10Page - Maxim Integrated Products MAX792TCPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Microprocessor and Non-Volatile
Memory Supervisory Circuits
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
1
RESET
2
RESET
Reset is the inverse of RESET.
3VCC
Input Supply Voltage
4
RESET IN/INT
5
LLIN/REF OUT
6
OVO
7
OVI
8
SWT
9
MR
10
LOW LINE
11
WDI
12
GND
Ground
13
CE OUT
Active-Low Reset Output goes low whenever VCC falls below the reset threshold in internal thresh-
old programming mode, or RESET IN falls below 1.30V in external threshold programming mode.
RESET remains low for 200ms typ after the threshold is exceeded on power-up.
Reset-Input/Internal-Mode Select. Connect this input to GND to select internal threshold mode.
Select external programming mode by pulling this input 600mV or higher through an external volt-
age divider.
Low-Line Input/Reference Output connects directly to the low-line comparator in external program-
ming mode (RESET IN/INT
≥ 600mV). Connects directly to the internal 1.30V reference in internal
threshold mode (RESET IN/INT
≤60mV).
Overvoltage Comparator Output goes low when OVI is greater than 1.30V. This is an uncommitted
comparator and has no effect on any other internal circuitry.
Inverting Input to the Overvoltage Comparator. When OVI is greater than 1.30V, OVO goes low.
Connect OVI to GND or VCC when not used.
Set Watchdog-Timeout Input. Connect this input to VCC to select the default 1.6sec watchdog
timeout period. Connect a capacitor between this input and GND to select another watchdog-
timeout period. Watchdog timeout period = k x (capacitor value in nF)mV, where k = 27 for
VCC = 5V and k = 16.2 for VCC = 3V. If the watchdog function is unused, connect SWT to VCC.
16
WDPO
15
WDO
14
CE IN
Manual-Reset Input. This input can be tied to an external momentary pushbutton switch, or to a
logic gate output. Internally pulled up to VCC.
Low-Line Output. LOW LINE goes low 120mV above the reset threshold in internal threshold mode,
or when LLIN/REFOUT goes below 1.30V in external programming mode.
Watchdog Input. If WDI remains either high or low for longer than the watchdog timeout period,
WDPO pulses low and WDO goes low. WDO remains low until the next transition at WDI. Connect to
GND or VCC if unused.
Chip-Enable Output. CE OUT goes low only when CE IN is low and reset is not asserted. If CE IN is
low when reset is asserted, CE OUT will stay low for 15µs or until CE IN goes high, whichever
occurs first.
Chip-Enable Input—the input to the chip-enable transmission gate. Connect to GND or VCC if not
used.
Watchdog Output. WDO goes low if WDI remains either high or low longer than the watchdog time-
out period. WDO returns high on the next transition at WDI.
Watchdog-Pulse Output. Upon the absence of a transition at WDI, WDPO will pulse low for a mini-
mum of 500µs. WDPO precedes WDO by typically 70ns.


Similar Part No. - MAX792TCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792C MAXIM-MAX792C Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CPE MAXIM-MAX792CPE Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CSE MAXIM-MAX792CSE Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792D MAXIM-MAX792D Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792EJE MAXIM-MAX792EJE Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
More results

Similar Description - MAX792TCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792_05 Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com