Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM1324 Datasheet(PDF) 2 Page - International Rectifier

Part # OM1324
Description  Similar To Industry Standard LM117A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM1324 Datasheet(HTML) 2 Page - International Rectifier

  OM1324_15 Datasheet HTML 1Page - International Rectifier OM1324_15 Datasheet HTML 2Page - International Rectifier OM1324_15 Datasheet HTML 3Page - International Rectifier OM1324_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.5 - 18
3.5
OM1324NTM, OM1324STM, OM1324NKM, OM1324SMM, OM1324NMM, OM1324N2M
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
VDIFF = 3.0V, TA = 25°C1.238
1.262
VDIFF = 3.3V
1.225
1.270
V
VDIFF = 40V
1.225
1.270
Line Regulation
RLINE
3.0V ≤ VDIFF ≤ 40V, Vout = Vref, TA = 25°C-4.5
4.5
mV
(Note 1)
3.3V ≤ VDIFF ≤ 40V, Vout = Vref
•-9
9
Load Regulation
RLOAD
VDIFF = 3.0V, 10mA ≤ IL ≤ 1.5A, TA = 25°C-15
15
(Note 1)
VDIFF = 3.3V, 10mA ≤ IL ≤1.5A
-15
15
mV
VDIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C-15
15
VDIFF = 40V, 10mA ≤ IL ≤ 195mA
-15
15
Thermal Regulation
VRTH
Vin = 14.6V, IL = 1.5A
-5
5
mV
Pd = 20 Watts, t = 20 ms, TA = 25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
66
dB
(Note 2)
CAdj = 10 µF
Adjustment Pin Current
IAdj
VDIFF = 3.0V, TA = 25°C100
VDIFF = 3.3V
100
µA
VDIFF = 40V
100
Adjustment Pin
∆IAdj
VDIFF = 3.0V, 10mA ≤ IL ≤ 1.5A, TA = 25°C-5
5
Current Change
VDIFF = 3.3V, 10mA ≤ IL ≤1.5A
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 195mA
-5
5
µA
3.0V ≤ VDIFF ≤ 40V, TA = 25°C-5
5
3.3V ≤ VDIFF ≤ 40V
-5
5
Miminum Load Current
ILmin
VDIFF = 3.0V, VOUT = 1.4V (forced)
5.0
VDIFF = 3.3V, VOUT = 1.4V (forced)
5.0
mA
VDIFF = 40V, VOUT = 1.4V (forced)
5.0
Current Limit
ICL
VDIFF = 15V
1.5
3.5
(Note 2)
VDIFF = 40V, TA = 25°C0.18
1.5
A
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. If not tested, shall be guaranteed to the specified limits.
3. The
denotes the specifications which apply over the full operating temperature range.
PART NUMBER DESIGNATOR
Standard Military Drawing Number
Omnirel Part Number
Omnirel Package Designation
7703405M
OM1324SMM
SMD-3
7703405U
OM1324STM
TO-257 (Isolated)
7703405T
OM1324NTM
TO-257 (non-Isolated)
7703405Y
OM1324 NKM
TO-3
7703405N
OM1324NMM
SMD-1
77034052
OM1324N2M
LCC-20
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C, IL = 8mA (unless otherwise specified)
OM1324NTM, OM1324STM, OM1324NKM, OM1324SMM, OM1324NMM


Similar Part No. - OM1324_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM13243 NXP-OM13243 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
List of Unclassifed Man...
OM1324N2M ETC1-OM1324N2M Datasheet
37Kb / 4P
   Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages
logo
International Rectifier
OM1324N2M IRF-OM1324N2M Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
logo
List of Unclassifed Man...
OM1324NKM ETC1-OM1324NKM Datasheet
37Kb / 4P
   Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages
logo
International Rectifier
OM1324NKM IRF-OM1324NKM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
More results

Similar Description - OM1324_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1321 IRF-OM1321_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117HV
OM1320 IRF-OM1320_15 Datasheet
42Kb / 4P
   Similar To Industry Standard LM117
OM1326 IRF-OM1326_15 Datasheet
43Kb / 4P
   Similar To Industry Standard LM117AHV
IRG4BC10UDPBF IRF-IRG4BC10UDPBF_15 Datasheet
323Kb / 11P
   INDUSTRY STANDARD TO-220AB PACKAGE
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com