Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX791ESE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX791ESE
Description  Microprocessor Supervisory Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX791ESE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX791ESE Datasheet HTML 1Page - Maxim Integrated Products MAX791ESE Datasheet HTML 2Page - Maxim Integrated Products MAX791ESE Datasheet HTML 3Page - Maxim Integrated Products MAX791ESE Datasheet HTML 4Page - Maxim Integrated Products MAX791ESE Datasheet HTML 5Page - Maxim Integrated Products MAX791ESE Datasheet HTML 6Page - Maxim Integrated Products MAX791ESE Datasheet HTML 7Page - Maxim Integrated Products MAX791ESE Datasheet HTML 8Page - Maxim Integrated Products MAX791ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Microprocessor Supervisory Circuit
58
38
-60
-30
30
150
VCC SUPPLY CURRENT vs. TEMPERATURE
(NORMAL OPERATING MODE)
42
54
TEMPERATURE (°C)
0
120
90
60
46
50
VCC = +5V
VBATT = 2.8V
PFI, CE IN = 0V
4.80
4.30
4.40
4.35
-60
-30
30
150
RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
0
120
90
60
4.45
4.50
4.55
4.60
4.65
4.70
4.75
VBATT = 0V,
POWER DOWN
600
0
100
-60
-30
30
150
RESET OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
0
120
90
60
200
300
400
500
VCC = 0V, VBATT = 2.8V
SINKING CURRENT
VCC = +5V, VBATT = 2.8V
SOURCING CURRENT
230
170
180
-60
-30
30
150
RESET DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
0
120
90
60
190
200
210
220
VCC = 0V TO 5V STEP
VBATT = 2.8V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
20
5
-60
-30
30
150
VBATT-to-VOUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
0
120
90
60
10
15
VBATT = 2.0V
VBATT = 2.8V
VBATT = 4.5V
VCC = 0V
2
0
-60
-30
30
150
BATTERY SUPPLY CURRENT vs. TEMPERATURE
(BATTERY-BACKUP MODE)
0.5
TEMPERATURE (°C)
0
120
90
60
1
1.5
VCC = 0V
VBATT = 2.8V
NO LOAD
120
40
-60
-30
30
150 180
CHIP-ENABLE ON-RESISTANCE
vs. TEMPERATURE
60
TEMPERATURE (°C)
0
120
90
60
80
100
VCC = +4.75V
VBATT = 2.8V
CE IN = VCC/2
1.2
0.6
0.7
-60
-30
30
150
VCC-to-VOUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
0
120
90
60
0.8
0.9
1.0
1.1
VCC = +5V,
VBATT = 0V
1.50
0
0.25
-60
-30
30
150
PFI THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
0
120
90
60
0.50
0.75
1.00
1.25
VCC = +5V,
VBATT = 0V,
NO LOAD ON PFO
_______________________________________________________________________________________
5


Similar Part No. - MAX791ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792 Datasheet
250Kb / 16P
   Microprocessor and Non-Volatile Memory Supervisory Circuits
Rev. 2; 6/98
MAX792C MAXIM-MAX792C Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CPE MAXIM-MAX792CPE Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CSE MAXIM-MAX792CSE Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792D MAXIM-MAX792D Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
More results

Similar Description - MAX791ESE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com