Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV6240 Datasheet(PDF) 4 Page - CML Microcircuits

Part # EV6240
Description  Opto-Isolated serial interface capability
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6240 Datasheet(HTML) 4 Page - CML Microcircuits

  EV6240 Datasheet HTML 1Page - CML Microcircuits EV6240 Datasheet HTML 2Page - CML Microcircuits EV6240 Datasheet HTML 3Page - CML Microcircuits EV6240 Datasheet HTML 4Page - CML Microcircuits EV6240 Datasheet HTML 5Page - CML Microcircuits EV6240 Datasheet HTML 6Page - CML Microcircuits EV6240 Datasheet HTML 7Page - CML Microcircuits EV6240 Datasheet HTML 8Page - CML Microcircuits EV6240 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Evaluation Kit for CMX624/CMX644A
EV6240
4
© 1999 Consumer Microcircuits Limited
UM6240/3
1.2
Preliminary Information
1.2.1
Laboratory Equipment
The following laboratory equipment is needed to use this evaluation kit:
1.2.1.1
8-24V dc Power Supply
1.2.1.2
An IBM compatible PC; 66MHz ‘486 or better, running Microsoft Windows
™ ’95/NT. The re-
programming software supplied (PICPROGB.EXE) runs most efficiently under DOS and cannot be
used with Windows NT.
1.2.2
Handling Precautions
Like most evaluation kits, this product is designed for use in office and laboratory environments. The
following practices will help ensure its proper operation.
1.2.2.1 Static Protection
This product uses low power CMOS circuits which can be damaged by electrostatic discharge.
Partially damaged circuits can function erroneously, leading to misleading results.
Observe ESD
precautions at all times when handling this product.
1.2.2.2 Contents - Unpacking
Please ensure that you have received all of the items on the separate information sheet (EK6240) and
notify CML within 7 working days if the delivery is incomplete.
1.2.3
Approvals
This Evaluation Kit is not approved for direct or indirect connection to any public
telecommunication system. Users are advised to observe local statutory requirements which
may apply to this product.


Similar Part No. - EV6240

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EV62GT33-200.00-2.5-30 EUROQUARTZ-EV62GT33-200.00-2.5-30 Datasheet
154Kb / 1P
   HCMOS 6 pad SMD, V Group
EV62T33-200.00-2.5-30 EUROQUARTZ-EV62T33-200.00-2.5-30 Datasheet
148Kb / 1P
   HCMOS 6 pad SMD, V Group
More results

Similar Description - EV6240

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2893 LINER-LTM2893 Datasheet
1Mb / 32P
   100MHz Isolated ADC Serial Interface
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
   Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
Linear Technology
LTM2895 LINER-LTM2895 Datasheet
1Mb / 30P
   100MHz Isolated DAC SPI Serial Interface
logo
International Rectifier
PVI5013RPBF IRF-PVI5013RPBF_15 Datasheet
278Kb / 5P
   Opto Isolated MOSFET Gate Driver
PVI5033RPBF IRF-PVI5033RPBF_15 Datasheet
268Kb / 5P
   Opto Isolated MOSFET Gate Driver
logo
Linear Technology
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com