Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX793EPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX793EPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793EPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX793EPE Datasheet HTML 6Page - Maxim Integrated Products MAX793EPE Datasheet HTML 7Page - Maxim Integrated Products MAX793EPE Datasheet HTML 8Page - Maxim Integrated Products MAX793EPE Datasheet HTML 9Page - Maxim Integrated Products MAX793EPE Datasheet HTML 10Page - Maxim Integrated Products MAX793EPE Datasheet HTML 11Page - Maxim Integrated Products MAX793EPE Datasheet HTML 12Page - Maxim Integrated Products MAX793EPE Datasheet HTML 13Page - Maxim Integrated Products MAX793EPE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Reset Threshold
The MAX793T/MAX795T are intended for 3.3V systems
with a ±5% power-supply tolerance and a 10% systems
tolerance. Except when MR is asserted, reset will not
assert as long as the power supply remains above
3.15V (3.3V - 5%). Reset is guaranteed to assert
before the power supply falls below 3.0V (3.3V - 10%).
The MAX793S/MAX795S are designed for 3.3V ±10%
power supplies. Except when MR is asserted, they are
guaranteed not to assert reset as long as the supply
remains above 3.0V (3.0V is just above 3.3V - 10%).
Reset is guaranteed to assert before the power supply
falls below 2.85V (3.3V - 14%).
The MAX793R/MAX795R are optimized to monitor 3.0V
±10% power supplies. Reset will not occur until VCC
falls below 2.7V (3.0V - 10%), but is guaranteed to
occur before the supply falls below 2.55V (3.0V - 15%).
Program the MAX794’s reset threshold with an external
voltage divider to RESET IN. The reset-threshold toler-
ance will be a combination of the RESET IN tolerance
and the tolerance of the resistors used to make the
external voltage divider. Calculate the reset threshold
as follows:
VRST = VRST IN (R1 / R2 + 1)
Using the standard application circuit (Figure 3), the
reset threshold may be programmed anywhere in the
range of VSW (the battery switch threshold) to 5.5V.
Reset is asserted when VCC falls below VSW.
Battery Freshness Seal
The MAX793/MAX794’s battery freshness seal discon-
nects the backup battery from internal circuitry until it is
needed. This allows an OEM to ensure that the backup
battery connected to BATT will be fresh when the final
product is put to use. To enable the freshness seal,
connect a battery to BATT, ground PFO, bring VCC
above the reset threshold and hold it there until reset is
deasserted following the reset timeout period, then
bring VCC back down again (Figure 4). Once the bat-
tery freshness seal is enabled (disconnecting the back-
up battery from the internal circuitry and anything
connected to OUT), it remains enabled until VCC is
brought above VRST. Note that connecting PFO to MR
will not interfere with battery freshness seal operation.
BATT OK Output (MAX793)
BATT OK indicates the status of the backup battery.
When reset is not asserted, the MAX793 checks the
battery voltage continuously. If VBATT is below VBOK
(2.0V min), BATT OK goes low; otherwise, it remains
pulled up to VCC. BATT OK also goes low when VCC
goes below VSW.
Watchdog Input (MAX793/MAX794)
In the MAX793/MAX794, the watchdog circuit monitors
the µP’s activity. If the µP does not toggle the watch-
dog input (WDI) within 1.6sec, WDO goes low. The
internal 1.6sec timer is cleared and WDO returns high
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
10
______________________________________________________________________________________
MAX794
RESET
LOWLINE
WDI
CE IN
CE OUT
3.3V
+5V
BATT
RESET IN
A0-A15
MR
+5V SUPPLY
FAILURE
BATT ON
PFI
4.7k
WDO
OUT
CMOS
RAM
ADDRESS
DECODER
0.1
µF
PMOS
0.1
µF
VCC
PFO
VRST = VRST IN
(R1 + 1)
GND
I/O
NMI
RESET
VCC
VCC
0.1
µF
3.6V
R1
D
S
R2
(OPTIONAL)
Si9433DY
SILICONIX
R2
Figure 3. MAX794 Standard Application Circuit
VCC
VRST
VRST
RESET
PFO
(EXTERNALLY HELD AT 0V)
RESET PULLED UP TO VCC
PFO STATE LATCHED,
FRESHNESS SEAL ENABLED.
tRP
Figure 4. Battery Freshness Seal Enable Timing


Similar Part No. - MAX793EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793 MAXIM-MAX793 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX79356 MAXIM-MAX79356 Datasheet
638Kb / 18P
   ZENO Flexible Narrowband OFDM Powerline Communication Modem with Integrated Analog Front End
Rev 2; 9/17
MAX79356CAEVK1# MAXIM-MAX79356CAEVK1# Datasheet
1Mb / 14P
   Evaluates: MAX79356
2016
MAX79356EVKIT MAXIM-MAX79356EVKIT Datasheet
1Mb / 14P
   Evaluates: MAX79356
2016
MAX79356SNF MAXIM-MAX79356SNF Datasheet
662Kb / 10P
   MAX79356 G3-PLC Sniffer Kit
Rev 1; 6/18
More results

Similar Description - MAX793EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com