Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX796ESE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX796ESE
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796ESE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX796ESE Datasheet HTML 4Page - Maxim Integrated Products MAX796ESE Datasheet HTML 5Page - Maxim Integrated Products MAX796ESE Datasheet HTML 6Page - Maxim Integrated Products MAX796ESE Datasheet HTML 7Page - Maxim Integrated Products MAX796ESE Datasheet HTML 8Page - Maxim Integrated Products MAX796ESE Datasheet HTML 9Page - Maxim Integrated Products MAX796ESE Datasheet HTML 10Page - Maxim Integrated Products MAX796ESE Datasheet HTML 11Page - Maxim Integrated Products MAX796ESE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ILOAD = 100mA, VIN = 10V,
CIRCUIT OF FIGURE 1
IDLE-MODE WAVEFORMS
+5V OUTPUT
50mV/div
2V/div
200
µs/div
ILOAD = 1A, VIN = 16V,
CIRCUIT OF FIGURE 1
PULSE-WIDTH-MODULATION MODE WAVEFORMS
LX VOLTAGE
10V/div
+5V OUTPUT
VOLTAGE
50mV/div
500ns/div
VIN = 15V, CIRCUIT OF FIGURE 1
+5V LOAD-TRANSIENT RESPONSE
+5V OUTPUT
50mV/div
3A
0A
LOAD CURRENT
200
µs/div
Step-Down Controllers with
Synchronous Rectifier for CPU Power
8
_______________________________________________________________________________________
0
150
300
450
600
900
750
1050
0
3
6
9
12
15
18
21
24
MAX796
MAXIMUM SECONDARY CURRENT vs.
SUPPLY VOLTAGE, 3.3V/5V CIRCUIT
SUPPLY VOLTAGE (V)
IOUT (MAIN) = 2A
IOUT (MAIN) = 0A
CIRCUIT OF FIGURE 12
TRANSFORMER = TDK 1.5:1
VSEC ≥ 4.8V
0
100
200
300
400
600
500
700
800
0
4
8
12
16
20
24
28
32
MAX799
MAXIMUM SECONDARY CURRENT
vs. SUPPLY VOLTAGE, ±5V CIRCUIT
SUPPLY VOLTAGE (V)
CIRCUIT OF FIGURE 13
TRANSFORMER = TTI5926
VSEC ≤ -5.1V
IOUT (MAIN) = 0A
IOUT (MAIN) = 1A
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX796ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX796ESE MAXIM-MAX796ESE Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results

Similar Description - MAX796ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
   High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com