Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX771MJA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX771MJA
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX771MJA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX771MJA Datasheet HTML 6Page - Maxim Integrated Products MAX771MJA Datasheet HTML 7Page - Maxim Integrated Products MAX771MJA Datasheet HTML 8Page - Maxim Integrated Products MAX771MJA Datasheet HTML 9Page - Maxim Integrated Products MAX771MJA Datasheet HTML 10Page - Maxim Integrated Products MAX771MJA Datasheet HTML 11Page - Maxim Integrated Products MAX771MJA Datasheet HTML 12Page - Maxim Integrated Products MAX771MJA Datasheet HTML 13Page - Maxim Integrated Products MAX771MJA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
frequencies (up to 300kHz), allowing the use of tiny
external components.
As with traditional PFM converters, the power transistor
is not turned on until the voltage comparator senses
that the output is out of regulation. However, unlike tra-
ditional PFM converters, the MAX770–MAX773 switch
using the combination of a peak current limit and a pair
of one-shots that set the maximum on-time (16µs) and
minimum off-time (2.3µs); there is no oscillator. Once
off, the minimum off-time one-shot holds the switch
off for 2.3µs. After this minimum time, the switch either
1) stays off if the output is in regulation, or 2) turns on
again if the output is out of regulation.
The control circuitry allows the ICs to operate in contin-
uous-conduction mode (CCM) while maintaining high
efficiency with heavy loads. When the power switch is
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
10
______________________________________________________________________________________
MAX770
VIN = 3V
REF
SHDN
FB
AGND
GND
N
7
EXT
CS
C2
0.1
µF
C1
100
µF
L1
22
µH
D1
1N5817
MTP3055EL
RSENSE
75m
C4
300
µF
C3
0.1
µF
5
4
3
6
1
8
2
V+
VOUT = 5V
@ 1A
Figure 2a. 5V Preset Output, Bootstrapped
Figure 2b. 12V Preset Output, Bootstrapped
Figure 2c. 12V Output, Non-Bootstrapped
Figure 2d. 9V Output, Bootstrapped
MAX770
MAX771
MAX772
VIN = 5V
REF
SHDN
AGND
GND
N
7
EXT
CS
FB
L1
22
µH
D1
1N5817
R1
18k
C4
200
µF
C3
0.1
µF
5
4
6
1
8
3
2
V+
C1
68
µF
VOUT = 12V
@ 0.5A
R2
127k
RSENSE
100m
C2
0.1
µF
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
MAX770
MAX771
MAX772
REF
SHDN
AGND
GND
N
7
EXT
CS
FB
C1
47
µF
L1
20
µH
D1
1N5817
R1
28k
C4
100
µF
C3
0.1
µF
5
4
6
1
8
3
2
V+
VOUT = 9V
R2
140k
RSENSE
C2
0.1
µF
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
Si9410DY
VIN = 4V
MAX771
VIN = 5V
REF
SHDN
FB
AGND
GND
N
7
EXT
CS
C2
0.1
µF
C1
68
µF
L1
22
µH
D1
1N5817
Si9410DY
RSENSE
100m
C4
200
µF
C3
0.1
µF
5
4
3
6
1
8
2
V+
VOUT = 12V
@ 0.5A


Similar Part No. - MAX771MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77178 MAXIM-MAX77178 Datasheet
2Mb / 17P
   High-Bandwidth LTE/WCDMA PA Power Management ICs
Rev 0; 3/13
MAX77179 MAXIM-MAX77179 Datasheet
2Mb / 17P
   High-Bandwidth LTE/WCDMA PA Power Management ICs
Rev 0; 3/13
More results

Similar Description - MAX771MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com