Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX779LEPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX779LEPA
Description  Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX779LEPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX779LEPA Datasheet HTML 1Page - Maxim Integrated Products MAX779LEPA Datasheet HTML 2Page - Maxim Integrated Products MAX779LEPA Datasheet HTML 3Page - Maxim Integrated Products MAX779LEPA Datasheet HTML 4Page - Maxim Integrated Products MAX779LEPA Datasheet HTML 5Page - Maxim Integrated Products MAX779LEPA Datasheet HTML 6Page - Maxim Integrated Products MAX779LEPA Datasheet HTML 7Page - Maxim Integrated Products MAX779LEPA Datasheet HTML 8Page - Maxim Integrated Products MAX779LEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX777L/MAX778L/MAX779L are pulse-skipping DC-DC
converters that step up from low-voltage inputs (1V guaran-
teed). They require only three external components—an induc-
tor (typically 22µH) and two capacitors. The MAX777L delivers
a 5V output, the MAX778L generates pin-selectable voltages of
3.0V or 3.3V, and the MAX779L output can be adjusted from
2.5V to 6V through an external resistive divider.
The devices include an Active RectifierTM that eliminates the
need for an external catch diode, and permits regulation even
when the input is greater than the output. Also, unlike those in
other step-up converters, the MAX777L/MAX778L/MAX779L’s
Active RectifierTM turns off in the shutdown mode, disconnect-
ing the output from the source. This eliminates the current drain
associated with conventional step-up converters when off or in
shutdown.
High-frequency operation (up to 150kHz) allows the use of
small, surface-mount inductors with values of 10µH or less.
Supply current is 190µA under no load and only 20µA in stand-
by mode; supply voltage can range from 1V to 4.5V (1 to 3
cells). With a 2V input, the devices typically deliver 200mA at
5V, or 300mA at 3V.
For fully specified devices designed for step-up/step-down
applications (where the input can be above or below the out-
put), refer to the MAX877L/MAX878L/MAX879L data sheet.
________________________Applications
Single Battery-Cell (1V), Step-Up Voltage Conversion
Efficient, High-Power Step-Up Regulation from
Low Input Voltages
Pagers
Portable Instruments & Hand-Held Terminals
Notebook and Palmtop Computers
____________________________Features
o 1V to 4.5V Input Guarantees Start-Up Under Load
o Up to 210mA Output
o Load Fully Disconnected in Shutdown
o 82% Efficiency
o Output in Regulation with Input Voltage above
Output Voltage
o Internal 1A Power Switch and Active Rectifier
o Adjustable Current Limit Allows Low-Cost
Inductors
o 190µA No Load Supply Current
o 20µA Shutdown Supply Current
o 3V/3.3V (MAX778L), 5V (MAX777L), and
Adjustable (MAX779L) Output Voltage
______________Ordering Information
Ordering Information continued at end of data sheet.
* Dice are specified at TA = +25°C, DC parameters only.
**Contact factory for availability and processing to MIL-STD-883.
Low-Voltage Input, 3V/3.3V/5V/
Adjustable Output, Step-Up DC-DC Converters
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
DIP/SO
TOP VIEW
MAX777L
MAX778L
MAX779L
8
7
6
5
N.C. (MAX777L)*
SHDN
OUT
LX
ILIM
IN
AGND
PGND
* SEL FOR MAX778L, FB FOR MAX779L.
__________________Pin Configuration
INPUT
1V TO 4.5V
IN
ILIM
SHDN
100µF
OUTPUT
5V
AGND
MAX777L
LX
OUT
PGND
22µH
ON/OFF
22
µF
1
2
7
4
3
6
5
__________Typical Operating Circuit
19-0186; Rev 2; 7/96
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
PART
TEMP. RANGE
PIN-PACKAGE
MAX777LCPA
0°C to +70°C
8 Plastic DIP
MAX777LCSA
0°C to +70°C
8 SO
MAX777LC/D
0°C to +70°C
Dice*
MAX777LMJA
-55°C to +125°C
8 CERDIP**
MAX777LESA
-40°C to +85°C
8 SO
MAX777LEPA
-40°C to +85°C
8 Plastic DIP
Active Rectifier is a trademark of Maxim Integrated Products.
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET


Similar Part No. - MAX779LEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77932C MAXIM-MAX77932C Datasheet
1Mb / 12P
   Bench power supply or 2-series cell battery pack with protector
310-100554; Rev 1; 6/20
MAX77932EVKIT MAXIM-MAX77932EVKIT Datasheet
1Mb / 12P
   Bench power supply or 2-series cell battery pack with protector
310-100554; Rev 1; 6/20
MAX77932EVKIT# MAXIM-MAX77932EVKIT# Datasheet
1Mb / 12P
   Bench power supply or 2-series cell battery pack with protector
310-100554; Rev 1; 6/20
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
   WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
MAX77950 MAXIM-MAX77950 Datasheet
3Mb / 16P
   Wireless power transmitter with WPC/PMA compliance
319-100007; Rev 0; 3/17
More results

Similar Description - MAX779LEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
logo
Shenzhen Huazhimei Semi...
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
   3.3V~5V Input 24W Output Step-up DC/DC Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
   3.3V~5V Input 12W Output Step-up DC/DC Converter
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com