Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVN012APBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVN012APBF
Description  Bounce-free Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN012APBF Datasheet(HTML) 2 Page - International Rectifier

  PVN012APBF Datasheet HTML 1Page - International Rectifier PVN012APBF Datasheet HTML 2Page - International Rectifier PVN012APBF Datasheet HTML 3Page - International Rectifier PVN012APBF Datasheet HTML 4Page - International Rectifier PVN012APBF Datasheet HTML 5Page - International Rectifier PVN012APBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVN012APbF
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 12, 2015
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current (see figure 1)
5.0
mA
Maximum Control Current for Off-State Resistance @ TA = +25°C
0.4
mA
Control Current Range (Caution: current limit input LED, see figure 6)
5.0 to 25.0
mA
Maximum Reverse Voltage
6.0
V
Electrical Specifications (-40°C ≤ TA ≤ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance, Input-Output
1012
Maximum Capacitance,
Input-Output, Vd =0V, f = 1MHz
1.0
pF
Maximum Pin Soldering Temperature
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.
Maximum On-State Resistance @25°C, 10mA Control 100mA pulsed load, (see figs. 3 & 4)
A Connection
50
m
B Connection
25
m
C Connection
15
m
Maximum Off-State Leakage @ TA=+25°C, ±20VDC
1.0
µA
Maximum Turn-On Time @TA=+25°C (see figure 7), for 1A, 20 VDC load, 10mA Control
3.0
ms
Maximum Turn-Off Time @TA=+25°C (see figure 7), for 1A, 20 VDC load, 10mA Control
0.5
ms
Typical Output Capacitance @ 20VDC (see figure 2)
400
pF
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±20
V(DC orAC peak)
Maximum Continuous Load Current @ 40°C, 10mA Control (see figure 1)
A Connection
4.0
A (DC or AC)
B Connection
4.5
A (DC)
C Connection
6.0
A (DC)
Maximum Pulsed Load Current @ 25°C,10mA Control (100 mS @ 10% duty cycle)
A Connection
8.0
A (DC or AC)
B Connection
9.0
A (DC)
C Connection
15.0
A (DC)
Typical Thermal Resistance (Tthja, Junction-to-Ambient)
A Connection
85.1
(oC/W)
B Connection
122.9
(oC/W)
C Connection
89.7
(oC/W)


Similar Part No. - PVN012APBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVN012APBF ETC1-PVN012APBF Datasheet
329Kb / 4P
   Microchip Unveils Unique Features on 1.5 Amp LDO Regulator
logo
International Rectifier
PVN012APBF IRF-PVN012APBF Datasheet
129Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC
PVN012APBF IRF-PVN012APBF Datasheet
298Kb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay
More results

Similar Description - PVN012APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
PVN012PBF IRF-PVN012PBF_15 Datasheet
191Kb / 6P
   Bounce-free operation
PVT322PBF IRF-PVT322PBF_15 Datasheet
423Kb / 6P
   Bounce-free operation
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
   Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
   Bounce-free operation
PVA13NPBF IRF-PVA13NPBF_15 Datasheet
221Kb / 6P
   Bounce-Free Operation
PVG612PBF IRF-PVG612PBF_15 Datasheet
215Kb / 6P
   Bounce-free operation
PVT212PBF IRF-PVT212PBF_15 Datasheet
198Kb / 6P
   Bounce-free operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com