Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVN013PBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVN013PBF
Description  Extremely low off-state leakage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN013PBF Datasheet(HTML) 3 Page - International Rectifier

  PVN013PBF Datasheet HTML 1Page - International Rectifier PVN013PBF Datasheet HTML 2Page - International Rectifier PVN013PBF Datasheet HTML 3Page - International Rectifier PVN013PBF Datasheet HTML 4Page - International Rectifier PVN013PBF Datasheet HTML 5Page - International Rectifier PVN013PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series PVN013PbF
3
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 12, 2015
Vdd, Drain to Drain Voltage (V)
0
510
15
20
800
600
400
200
0
"A" Connection
1000
Ambient Temperature (deg. C)
20
40
60
80
100
0
1.0
2.0
0
3.0
ILED 5 mA
3 mA
=
"A" Connection
0.5
1.5
2.5
ILED=
Figure 1. Current Derating Curves*
Figure 2. Typical Output Capacitance
0.05
0.10
0.15
0.20
0.25
-0.05
-0.10
-0.15
-0.20
-0.25
-0.5
-1.0
-1.5
-2.0
0.5
1.0
1.5
2.5
Connection "A" Voltage Drop (Vdd)
-2.5
2.0
0
0
5 mA Control @ 25°C, pulsed
Ambient Temperature (deg. C)
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
25
50
75
100 125
5 mA Control
"A" Connection
ID= 1 A
Figure 3. Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
* Derating of ‘B’ and ‘C’ connection at +85°C will be 70% of that specified at +40°C and is linear from +40°C to +85°C.


Similar Part No. - PVN013PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
More results

Similar Description - PVN013PBF

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
C63-10 WILLOW-C63-10 Datasheet
179Kb / 3P
   Low off-state leakage
logo
Vishay Siliconix
VS-20UT04 VISHAY-VS-20UT04 Datasheet
133Kb / 8P
   Extremely low reverse leakage
Revision: 03-Nov-11
logo
Renesas Technology Corp
PS7200U-1A RENESAS-PS7200U-1A Datasheet
241Kb / 12P
   4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7200U-1A CEL-PS7200U-1A Datasheet
378Kb / 8P
   NECs 4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch OPTICAL COUPLED MOS FET
logo
Naina Semiconductor ltd...
NP2502R NAINA-NP2502R Datasheet
135Kb / 2P
   Low Leakage
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
logo
Shanghai Semitech Semic...
ESD5B SEMITECH-ESD5B Datasheet
86Kb / 3P
   Low Leakage
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
   Low Leakage
logo
Laird Tech Smart Techno...
S9026XR LSTD-S9026XR Datasheet
268Kb / 1P
   Extremely low VSWR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com