Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX793S Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX793S
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793S Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX793S Datasheet HTML 1Page - Maxim Integrated Products MAX793S Datasheet HTML 2Page - Maxim Integrated Products MAX793S Datasheet HTML 3Page - Maxim Integrated Products MAX793S Datasheet HTML 4Page - Maxim Integrated Products MAX793S Datasheet HTML 5Page - Maxim Integrated Products MAX793S Datasheet HTML 6Page - Maxim Integrated Products MAX793S Datasheet HTML 7Page - Maxim Integrated Products MAX793S Datasheet HTML 8Page - Maxim Integrated Products MAX793S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
3.0V/3.3V/Adjustable Microprocessor
Supervisory Circuits
_______________________________________________________________________________________
5
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
-40
100
VCC-TO-OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
IOUT = 30mA
VCC = 3.0V
VCC = 3.3V
VCC = 5V
160
140
120
100
80
60
40
-40
100
BATT-TO-OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
VBATT = 3.6V
VBATT = 3.0V
VBATT = 5V
IOUT = 250µA
VCC = 0V
70
60
50
40
30
20
10
0
-40
100
VCC SUPPLY CURRENT vs. TEMPERATURE
(NORMAL OPERATING MODE)
TEMPERATURE (
°C)
20
-20
0
80
40
60
MAX793/4, VCC = 3.3V
MAX795, VCC = 3.3V
MAX793/4, VCC = 5V
VBATT = VCC = VOUT
MAX795, VCC = 5V
0.10
0.08
0.06
0.04
0.02
0
-40
100
BATTERY SUPPLY CURRENT vs.
TEMPERATURE (BATTERY-BACKUP MODE)
TEMPERATURE (
°C)
20
-20
0
80
40
60
VCC = 0V
VBATT = 3.6V
100
90
80
70
60
50
40
30
20
10
0
-40
100
MAX793
LOWLINE-TO-RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
VCC FALLING
250
200
150
100
50
0
-40
100
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
VCC RISING FROM
OV TO VRST MAX
30
25
20
15
10
5
0
-40
100
RESET COMPARATOR PROPAGATION DELAY
vs. TEMPERATURE (VCC FALLING)
TEMPERATURE (
°C)
20
-20
0
80
40
60
10
8
6
4
2
0
-40
100
MAX793/MAX794
LOWLINE COMPARATOR PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
40mV OVERDRIVE
VCC RISING
VCC FALLING
1.250
1.245
1.240
1.235
1.230
-40
100
MAX793/MAX794
PFI THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
20
-20
0
80
40
60
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX793S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793S MAXIM-MAX793S Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results

Similar Description - MAX793S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com