Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX780DCAP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX780DCAP
Description  Dual-Slot PCMCIA Analog Power Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX780DCAP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX780DCAP Datasheet HTML 4Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 5Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 6Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 7Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 8Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 9Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 10Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 11Page - Maxim Integrated Products MAX780DCAP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Dual-Slot PCMCIA Analog Power Controller
______________________________________________________________________________________
11
__Ordering Information (continued)
PART
TEMP. RANGE
PIN-PACKAGE
MAX780BCNG
0°C to +70°C
24 Narrow Plastic DIP
MAX780BCAG
0°C to +70°C
24 SSOP
MAX780BC/D
0°C to +70°C
Dice*
MAX780BENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX780BEAG
-40°C to +85°C
24 SSOP
MAX780DCPP
0°C to +70°C
20 Plastic DIP
0°C to +70°C
20 SSOP
MAX780DC/D
0°C to +70°C
Dice*
MAX780DEPP
-40°C to +85°C
20 Plastic DIP
MAX780DEAP
-40°C to +85°C
20 SSOP
MAX780CCNG
0°C to +70°C
24 Narrow Plastic DIP
MAX780CCAG
0°C to +70°C
24 SSOP
MAX780CC/D
0°C to +70°C
Dice*
MAX780CENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX780CEAG
-40°C to +85°C
24 SSOP
* Contact factory for dice specifications.
MAX780DCAP
___________________Chip Topography
_______________________________________________________Package Information
C
A
A2
E1
D
E
eA
eB
A3
B1
B
DIM
A
A1
A2
A3
B
B1
C
D
D1
E
E1
e
eA
eB
L
α
MIN
0.015
0.125
0.055
0.016
0.050
0.008
1.235
0.050
0.300
0.240
0.115
MAX
0.200
0.150
0.080
0.022
0.065
0.012
1.265
0.080
0.325
0.280
0.400
0.150
15˚
MIN
0.38
3.18
1.40
0.41
1.27
0.20
31.37
1.27
7.62
6.10
2.92
MAX
5.08
3.81
2.03
0.56
1.65
0.30
32.13
2.03
8.26
7.11
10.16
3.81
15˚
INCHES
MILLIMETERS
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
A1
L
D1
e
21-337A
24-PIN PLASTIC
DUAL-IN-LINE
(NARROW)
PACKAGE
α
BGPI
AGPI
WR
C1
C2
GND
VPPIN
0.111"
(2.819mm)
0.085"
(2.159mm)
AVPP0
AVPP1
BVPP0
AVCC1
BVPP1
AVCC0
BVCC1
BVCC0
SHDN
REF
BVPP
AVPP
BDRV3
BDRV5
ADRV3
ADRV5
VCCIN


Similar Part No. - MAX780DCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX78000 MAXIM-MAX78000 Datasheet
428Kb / 47P
   Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000EXG++ MAXIM-MAX78000EXG+ Datasheet
428Kb / 47P
   Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000FTHR MAXIM-MAX78000FTHR Datasheet
1Mb / 16P
   MAX78000FTHR Application Platform
Rev 0; 11/20
More results

Similar Description - MAX780DCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX613 MAXIM-MAX613 Datasheet
100Kb / 8P
   Dual-Slot PCMCIA Analog Power Controllers
Rev 0; 11/93
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
RICOH electronics devic...
R5531V002 RICOH-R5531V002 Datasheet
160Kb / 9P
   PCMCIA Power Controller
R5534V RICOH-R5534V Datasheet
254Kb / 7P
   PCMCIA Power Controller
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com