Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8565G-S08-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L8565G-S08-T
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565G-S08-T Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button L8565G-S08-T Datasheet HTML 3Page - Unisonic Technologies L8565G-S08-T Datasheet HTML 4Page - Unisonic Technologies L8565G-S08-T Datasheet HTML 5Page - Unisonic Technologies L8565G-S08-T Datasheet HTML 6Page - Unisonic Technologies L8565G-S08-T Datasheet HTML 7Page - Unisonic Technologies L8565G-S08-T Datasheet HTML 8Page - Unisonic Technologies L8565G-S08-T Datasheet HTML 9Page - Unisonic Technologies L8565G-S08-T Datasheet HTML 10Page - Unisonic Technologies L8565G-S08-T Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R114-004.d
FUNCTIONAL DESCRIPTION(Cont.)
3. Start-up (Soft-Start)
The operation of OTA1 during startup is shown in Fig. 4 and 5.
VSENSE
(
)
R4
R3+R4
×VOUT
10.8μA during
Soft Start
VCOMP
R6
C4
C5
UTC L8565
0.8V
C3
-
+
S1
5V
-
+
OTA1
Soft Start
4.0V
Fig. 4 Soft Start Circuit
Soft Start
Normal Operation
VOUT<80% rated
VOUT>80% rated
t
av(IIN)
Fig. 5 Soft Start With Controlled Current
Open-Loop
Protect
(OLP)
It sources a constant 10.8µA into the compensation network at pin 2 (VCOMP). The voltage at this pin rises
linearly and so does the amplitude of the input current. As soon as the output voltage VOUT reaches 80% of its rated
level, the startup procedure is finished and the normal voltage control takes over. In normal operation, the IC
operates with a higher maximum current at OTA1 and therefore with a higher voltage loop gain in order to improve
the dynamic behavior of the device.
The advantage of this technique is a soft-start function with lower stress for the boost diode but without the risk of
audible noise.
4. System Protection
The IC is equipped with various protection features to ensure the PFC system in safe operating range. Depending
on the input line voltage (VIN) and output bus voltage (VOUT), When these protections are active the conditions are
shown in Fig. 6 and 7.
The following sections describe the functionality of these protection features.


Similar Part No. - L8565G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8565G-S08-T UTC-L8565G-S08-T Datasheet
380Kb / 13P
   HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
More results

Similar Description - L8565G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8565 UTC-8565 Datasheet
368Kb / 13P
   HIGH PERFORMANCE POWER FACTOR CORRECTION
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
Unisonic Technologies
L8565 UTC-L8565 Datasheet
380Kb / 13P
   HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com