Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX794CPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX794CPE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX794CPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX794CPE Datasheet HTML 1Page - Maxim Integrated Products MAX794CPE Datasheet HTML 2Page - Maxim Integrated Products MAX794CPE Datasheet HTML 3Page - Maxim Integrated Products MAX794CPE Datasheet HTML 4Page - Maxim Integrated Products MAX794CPE Datasheet HTML 5Page - Maxim Integrated Products MAX794CPE Datasheet HTML 6Page - Maxim Integrated Products MAX794CPE Datasheet HTML 7Page - Maxim Integrated Products MAX794CPE Datasheet HTML 8Page - Maxim Integrated Products MAX794CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
µA
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.17V to 5.5V for the MAX793T/MAX795T, VCC = 3.02V to 5.5V for the MAX793S/MAX795S, VCC = 2.72V to 5.5V for the
MAX793R/MAX794/MAX795R, VBATT = 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ........................................................................-0.3V to 6.0V
VBATT .....................................................................-0.3V to 6.0V
All Other Inputs ..................-0.3V to the higher of VCC or VBATT
Continuous Input Current
VCC .................................................................................200mA
VBATT ................................................................................50mA
GND ..................................................................................20mA
Output Current
VOUT................................................................................200mA
All Other Outputs ..............................................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C) .842mW
16-Pin Narrow SO (derate 9.52mW/°C above +70°C) ...696mW
Operating Temperature Ranges
MAX793_C_ _/MAX794C_ _/MAX795_C_ _ ......... 0°C to +70°C
MAX793_E_ _/MAX794E_ _/MAX795_E_ _ ........-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX79_E
MAX79_C
VBATT > VCC
(Note 6)
IOUT = 250µA (Note 4)
IOUT = 30mA (Note 4)
VSW > VCC > 1.75V (Note 5)
IOUT = 75mA
VBATT = 2.3V
CONDITIONS
Battery Switch Threshold
(VCC falling)
V
2.30
2.41
2.52
VSW
2.55
2.68
2.80
2.69
2.82
2.95
mV
20
65
VCC -
VBATT
V
VBATT - 0.14
VOUT
OUT Output Voltage in
Battery-Backup Mode
VBATT - 0.1
VBATT - 0.034
V
1.1
5.5
1.0
5.5
Operating Voltage Range,
VCC, VBATT (Note 1)
V
VCC - 0.001
VCC - 0.5mV
VOUT
OUT Output Voltage in
Normal Mode
VCC - 0.12
VCC - 0.050
VCC - 0.3
VCC - 0.125
µA
0.5
Battery Leakage Current
(Note 3)
µA
1
BATT Supply Current
(excluding IOUT) (Note 2)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 0V, VOUT = 0V
µA
1
BATT Leakage Current,
Freshness Seal Enabled
IOUT = 250µA
IOUT = 1mA
MAX793T/MAX795T
MAX793S/MAX795S
This value is identical to the reset threshold,
VCC rising for VBATT > VRST
VCC -
VBATT
MAX793R/MAX795R/
MAX794
VBATT < VRST
mV
25
65
Battery Switch Threshold
(VCC rising) (Note 7)
MAX793/MAX794,
MR = VCC
µA
62
80
ISUPPLY
46
60
VCC Supply Current
(excluding IOUT, ICE OUT)
VCC = 2.1V,
VBATT = 2.3V
µA
32
45
ISUPPLY
VCC Supply Current in
Battery-Backup Mode
(excluding IOUT)
VCC < 3.6V
VCC < 5.5V
MAX793/MAX794
MAX795
24
35
MAX795
49
70
35
50
VCC < 3.6V
VCC < 5.5V


Similar Part No. - MAX794CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX794CPE MAXIM-MAX794CPE Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results

Similar Description - MAX794CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com