Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB2012 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB2012
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB2012_15 Datasheet HTML 2Page - Unisonic Technologies UB2012_15 Datasheet HTML 3Page - Unisonic Technologies UB2012_15 Datasheet HTML 4Page - Unisonic Technologies UB2012_15 Datasheet HTML 5Page - Unisonic Technologies UB2012_15 Datasheet HTML 6Page - Unisonic Technologies UB2012_15 Datasheet HTML 7Page - Unisonic Technologies UB2012_15 Datasheet HTML 8Page - Unisonic Technologies UB2012_15 Datasheet HTML 9Page - Unisonic Technologies UB2012_15 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 17
www.unisonic.com.tw
QW-R121-018 .D
TYPICAL APPLICATION CIRCUIT
UB2012
GND
C2
10μF
VSS
VCC
SNS
CC
BAT
STAT
TS
COMP
R1
1kΩ
RSNS
0.2Ω
DC+
Q1
2SB1151
VCC
C1
10μF
VCC
RT1
TEMP
PACK-
PACK+
RT2
R2
2kΩ
D2
Battery
Pack
NTC
Fig. 1 0.5A Low Dropout Li-Lon/Li-Pol Charger
D1
FUNCTIONAL DESCRIPTION
The UTC UB2012 is designed for the applications of single or two-cell Li-Ion or Li-Pol batteries. Fig. 1 is the
schematic of using this advanced linear charge controller with a PNP pass transistor. Fig. 2 is the operation flowchart
of UTC UB2012. Fig. 3 shows the typical charge profile. Fig. 4 is the application schematic of a charger using
P-channel MOSFET.


Similar Part No. - UB2012_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
UB2012 UTC-UB2012_17 Datasheet
284Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC
More results

Similar Description - UB2012_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_17 Datasheet
284Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC
UB2012 UTC-UB2012 Datasheet
320Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
logo
Eutech Microelectronics...
EUP8057 EUTECH-EUP8057 Datasheet
563Kb / 16P
   Advanced 1A Linear Charge Management Controllers
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
   Charge and Charge Management IC
logo
Texas Instruments
BQ2057CTSTRG4 TI-BQ2057CTSTRG4 Datasheet
1Mb / 30P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com