Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX823LEUK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX823LEUK
Description  5-Pin Microprocessor Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX823LEUK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX823LEUK Datasheet HTML 1Page - Maxim Integrated Products MAX823LEUK Datasheet HTML 2Page - Maxim Integrated Products MAX823LEUK Datasheet HTML 3Page - Maxim Integrated Products MAX823LEUK Datasheet HTML 4Page - Maxim Integrated Products MAX823LEUK Datasheet HTML 5Page - Maxim Integrated Products MAX823LEUK Datasheet HTML 6Page - Maxim Integrated Products MAX823LEUK Datasheet HTML 7Page - Maxim Integrated Products MAX823LEUK Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.5V for MAX82_L, VCC = +4.5V to +5.5V for MAX82_M, VCC = +3.15V to +3.6V for MAX82_T, VCC = +3V
to +3.6V for MAX82_S, VCC = +2.7V to +3.6V for MAX82_R, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Note 1: Over-temperature limits are guaranteed by design and not production tested.
Note 2: The RESET short-circuit current is the maximum pull-up current when RESET is driven low by a µP bidirectional reset pin.
Note 3: WDI is internally serviced within the watchdog period if WDI is left unconnected.
Note 4: The WDI input current is specified as the average input current when the WDI input is driven high or low. The WDI input is
designed to drive a three-stated-output device with a 10µA maximum leakage current and a maximum capacitive load of
200pF. This output device must be able to source and sink at least 200µA when active.
5-Pin Microprocessor Supervisory Circuits
_______________________________________________________________________________________
3
VRST - VCC = 100mV
MAX824T/S/R, MAX825T/S/R,
VCC = VRST max, ISINK = 1.2mA
MAX82_L/M, VCC = VRST max,
ISOURCE = 120µA
MAX824L/M, MAX825L/M,
VCC = VRST max, ISINK = 3.2mA
VCC > 1.8V, ISOURCE = 150µA
MAX82_L/M, RESET = 0V, VCC = 5.5V
CONDITIONS
µs
20
VCC to RESET Delay
V
0.3
VOL
RESET Output Voltage
VCC - 1.5
0.4
0.8VCC
VOH
800
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX82_T/S/R, VCC = VRST max,
ISOURCE = 30µA
0.8VCC
VOH
MAX82_T/S/R, VCC = VRST min,
ISINK = 1.2mA
MAX82_L/M, VCC = VRST min,
ISINK = 3.2mA
0.3
0.4
TA = -40°C to +85°C, VCC = 1.2V,
VCC falling, VBATT = 0V, ISINK = 100µA
TA = 0°C to +70°C, VCC = 1V,
VCC falling, ISINK = 50µA
V
0.3
VOL
RESET Output Voltage
0.3
MAX82_T/S/R, RESET = 0V, VCC = 3.6V
µA
400
ISOURCE
RESET Output Short-Circuit
Current (Note 2)
VIL = 0.4V, VIH = 0.8VCC
ns
50
tWDI
WDI Pulse Width
sec
1.12
1.60
2.40
tWD
Watchdog Timeout Period
WDI = 0V, time average
WDI = VCC, time average
VCC = 5V
µA
-20
-15
WDI Input Current (Note 4)
120
160
V
0.7VCC
VIH
WDI Input Threshold (Note 3)
0.3VCC
VIL
µs
1.0
MR Pulse Width
V
0.7VCC
VIH
MR Input Threshold
0.3VCC
VIL
k
35
52
75
MR Pull-Up Resistance (internal)
ns
500
MR to Reset Delay
ns
100
MR Noise Immunity (pulse width
with no reset)
MANUAL-RESET INPUT (MAX823/MAX825)
WATCHDOG INPUT (MAX823/MAX824)


Similar Part No. - MAX823LEUK

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAX823LEUK MICREL-MAX823LEUK Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results

Similar Description - MAX823LEUK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com