Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM606 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM606
Description  CONSTANT VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM606 Datasheet(HTML) 4 Page - Unisonic Technologies

  UM606_15 Datasheet HTML 1Page - Unisonic Technologies UM606_15 Datasheet HTML 2Page - Unisonic Technologies UM606_15 Datasheet HTML 3Page - Unisonic Technologies UM606_15 Datasheet HTML 4Page - Unisonic Technologies UM606_15 Datasheet HTML 5Page - Unisonic Technologies UM606_15 Datasheet HTML 6Page - Unisonic Technologies UM606_15 Datasheet HTML 7Page - Unisonic Technologies UM606_15 Datasheet HTML 8Page - Unisonic Technologies UM606_15 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UM606
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R105-034.F
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
20
V
Input Voltage
VIN
-0.3 ~ VCC
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+105
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°C/W
Junction to Case
θJC
92
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.5 ~ 18
V
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
UM606
1.198
1.21
1.222
V
UM606D
1.186
1.21
1.234
Current Control Loop Reference
VSENSE
IOUT=2.5mA
UM606
196
200
204
mV
UM606D
66.5
70
73.5
Low Output Voltage
VOL
@10mA Sinking Current
UM606
200
mV
UM606D
100
Total Supply Current
ICC
VCC=5V
UM606
0.6
1.2
mA
UM606D
0.5
1.0
Input Bias Current
IIB
50
nA
Current Out of Pin ICTRL
IIBI
@-200mV
UM606
25
μA
UM606D
18
Output Short Circuit Current.
IOS
Output to VCC. Sink Current Only
27
50
mA
Transconduction Gain (VCTRL)
Gmv
Sink Current Only
1
3.5
mA/mV
Transconduction Gain (ICTRL).
Gmi
1.5
7
mA/mV


Similar Part No. - UM606_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM606 UTC-UM606_11 Datasheet
296Kb / 7P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
UM606 UTC-UM606_17 Datasheet
274Kb / 8P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - UM606_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
   Constant current constant voltage IC
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
SHENZHEN FUMAN ELECTRON...
FM1801 FUMAN-FM1801 Datasheet
222Kb / 6P
   Constant current constant voltage IC
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Linear Technology
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com