Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC812 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTC812
Description  MICROPROCESSOR RESET IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC812 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTC812_15 Datasheet HTML 1Page - Unisonic Technologies UTC812_15 Datasheet HTML 2Page - Unisonic Technologies UTC812_15 Datasheet HTML 3Page - Unisonic Technologies UTC812_15 Datasheet HTML 4Page - Unisonic Technologies UTC812_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC812
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
Ver.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Terminal Voltage (with respect to GND)
VCC
-0.3~6.0
V
RESET, RESET (push-pull)
-0.3~(VCC+0.3)
V
Input Current
VCC
20
mA
Output Current, RESET, RESET
20
mA
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~105
°C
Storage Temperature
TSTG
-65~150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
420
°C/W
ELECTRICAL CHARACTERISTICS (Note 1) (TA = 25℃, VCC= 3.3V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC Range
1.0
5.5
V
Supply Current
ICC
VCC<3.6V
10
23
μA
Reset Threshold
VTH
3.03
3.08
3.12
V
Reset Threshold Tempco
40
ppm/°C
VCC to Reset Delay (Note 2)
VCC= VTH to (VTH– 100mV)
7
μs
Reset Active Timeout Period
VCC= VTH max
150
550
ms
RESET Output Current High
(push-pull active low)
IOH
VCC= 3.3V, VRESET = 2.8V
3
mA
Notes:1. Production testing done at TA = +25°C; limits over temperature guaranteed by design


Similar Part No. - UTC812_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC8120 UTC-UTC8120 Datasheet
96Kb / 5P
   LINER INTERFRATED CIRCUIT
UTC8121 UTC-UTC8121 Datasheet
96Kb / 5P
   LINER INTERFRATED CIRCUIT
UTC8122 UTC-UTC8122 Datasheet
96Kb / 5P
   LINER INTERFRATED CIRCUIT
UTC8123 UTC-UTC8123 Datasheet
96Kb / 5P
   LINER INTERFRATED CIRCUIT
UTC8124 UTC-UTC8124 Datasheet
96Kb / 5P
   LINER INTERFRATED CIRCUIT
More results

Similar Description - UTC812_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com