Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX795CPA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX795CPA
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX795CPA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX795CPA Datasheet HTML 5Page - Maxim Integrated Products MAX795CPA Datasheet HTML 6Page - Maxim Integrated Products MAX795CPA Datasheet HTML 7Page - Maxim Integrated Products MAX795CPA Datasheet HTML 8Page - Maxim Integrated Products MAX795CPA Datasheet HTML 9Page - Maxim Integrated Products MAX795CPA Datasheet HTML 10Page - Maxim Integrated Products MAX795CPA Datasheet HTML 11Page - Maxim Integrated Products MAX795CPA Datasheet HTML 12Page - Maxim Integrated Products MAX795CPA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
brownout conditions. RESET is guaranteed to be a
logic low for 0V < VCC < VRST, provided VBATT is
greater than 1V. Without a backup battery (VBATT =
VCC = VOUT), RESET is guaranteed valid for VCC
≥ 1V.
Once VCC exceeds the reset threshold, an internal
timer keeps RESET low for the reset timeout period
(tRP); after this interval, RESET becomes high imped-
ance (Figure 2). RESET is an open-drain output, and
requires a pull-up resistor to VCC (Figure 3). Use a
4.7k
Ω to 1MΩ pull-up resistor that will provide sufficient
current to assure the proper logic levels to the µP.
If a brownout condition occurs (VCC dips below the
reset threshold), RESET goes low. Each time RESET is
asserted, it stays low for the reset timeout period. Any
time VCC goes below the reset threshold, the internal
timer restarts.
The watchdog output (WDO) can also be used to initi-
ate a reset. See the
Watchdog Output section.
The RESET output is the inverse of the RESET output,
and it can both source and sink current.
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
_______________________________________________________________________________________
9
VCC
VLOWLINE
(MAX793/MAX794)
VRESET
(RESET PULLED UP TO VCC)
VRESET
(MAX793/MAX794)
VCE OUT
VWDO
(MAX793/MAX794)
VBOK
(MAX793)
VPFO
(MAX793/MAX794)
SHOWN FOR VCC = 3.3V to 0V, VBATT = 3.6V, CE IN = GND, PFI = VCC.
TYPICAL DELAY TIMES REFLECT A 40mV OVERDRIVE
VBATT ON
MAX794: VRESET IN = VCC (VRST IN / VRST)
VBATT
VBATT
4
µs
VLL
VRST
VSW
20
µs
20
µs
25
µs
10
µs
25
µs
25
µs
25
µs
25
µs
Figure 2. Timing Diagram, VCC Falling


Similar Part No. - MAX795CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX795 MAXIM-MAX795 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX795R MAXIM-MAX795R Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX795S MAXIM-MAX795S Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX795T MAXIM-MAX795T Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX795_CPA MAXIM-MAX795_CPA Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results

Similar Description - MAX795CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com