Selected language     English  ▼


MAX807NCWE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part No. MAX807NCWE
Description  Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 15 page
background image
Backup-Battery Replacement
The backup battery may be disconnected while VCC is
above the reset threshold, provided BATT is bypassed
with a 0.1µF capacitor to ground. No precautions are
necessary to avoid spurious reset pulses.
Negative-Going VCC Transients
While issuing resets to the µP during power-up, power-
down, and brownout conditions, these supervisors are
relatively immune to short-duration negative-going VCC
transients (glitches). It is usually undesirable to reset
the µP when VCC experiences only small glitches.
The Typical Operating Characteristics show Maximum
Transient Duration vs. Reset Comparator Overdrive, for
which reset pulses are not generated. The graph was
produced using negative-going VCC pulses, starting at
5V and ending below the reset threshold by the magni-
tude indicated (reset comparator overdrive). The graph
shows the maximum pulse width that a negative-going
VCC transient may typically have without causing a
reset pulse to be issued. As the amplitude of the tran-
sient increases (i.e., goes farther below the reset
threshold), the maximum allowable pulse width
decreases.
Typically, a VCC transient that goes 40mV below the
reset threshold and lasts for 3µs or less will not cause a
reset pulse to be issued.
A 0.1µF bypass capacitor mounted close to the VCC
pin provides additional transient immunity.
Watchdog Software Considerations
To help the watchdog timer keep a closer watch on soft-
ware execution, you can use the method of setting and
resetting the watchdog input at different points in the
program, rather than “pulsing” the watchdog input high-
low-high or low-high-low. This technique avoids a “stuck”
loop where the watchdog timer continues to be reset
within the loop, keeping the watchdog from timing out.
Figure 16 shows an example flow diagram where the
I/O driving the watchdog input is set high at the begin-
ning of the program, set low at the beginning of every
subroutine or loop, then set high again when the pro-
gram returns to the beginning. If the program should
“hang” in any subroutine, the I/O is continually set low
and the watchdog timer is allowed to time out, causing
a reset or interrupt to be issued.
Maximum VCC Fall Time
The VCC fall time is limited by the propagation delay of
the battery switchover comparator and should not
exceed 0.03V/µs. A standard rule for filter capacitance
on most regulators is on the order of 100µF per amp of
current. When the power supply is shut off or the main
battery is disconnected, the associated initial VCC fall
rate is just the inverse or 1A / 100µF = 0.01V/µs. The
VCC fall rate decreases with time as VCC falls exponen-
tially, which more than satisfies the maximum fall-time
requirement.
Full-Featured µP Supervisory Circuit with
±1.5% Reset Accuracy
______________________________________________________________________________________
15
Figure 15. Adding Hysteresis to the Power-Fail Comparator
MAX807
VCC
GND
PFI
*OPTIONAL
R2
R3
R1
VIN
+5V
C1*
TO
µP
PFO
VTRIP = 2.265
R1 + R2
R2
VH = 2.265 /
R2
|| R3
VL - 2.265 + 5 - 2.265 = 2.265
R1 + R2
|| R3
R1
R3
R2
PFO
+5V
0V
0V
VH
VTRIP
VIN
VL
Figure 16. Watchdog Flow Diagram
START
SET
WDI
LOW
SUBROUTINE
OR PROGRAM LOOP,
SET WDI
HIGH
RETURN
END




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CAT1163Supervisory Circuit with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
TS823Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AAT3526MicroPower Supervisory Circuit with Manual Reset 1 2 3 4 5 MoreAdvanced Analogic Technologies
G771Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit 1 2 3 4 5 MoreGlobal Mixed-mode Technology Inc
MAX63165-Pin μP Supervisory Circuits with Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
ISL6411Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit 1 2 3 4 Intersil Corporation
SMS2902Voltage Supervisory Circuit With Watchdog Timer 1 2 3 4 5 MoreSummit Microelectronics, Inc.
CAT24C161Supervisory Circuits with I2C Serial CMOS E2PROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
MAX6323μP Supervisory Circuits with Windowed Min/Max Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
ADM823Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl