Selected language     English  ▼


MAX807NCWE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. MAX807NCWE
Description  Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
Full-Featured µP Supervisory Circuit with
±1.5% Reset Accuracy
MAX807
RESET
RESET
RESET
+12V SUPPLY FAILURE
BATT OK
PFO
WDO
LOW LINE
WDI
CE IN
CE OUT
+5V
+12V
SUPPLY
OUT
BATT
REAL-
TIME
CLOCK
*MaxCap.
MR
OTHER
SYSTEM
RESET
SOURCES
BATT ON
ADDRESS
DECODE
0.1
µF
0.1
µF
0.47F*
VCC
PFI
GND
µP
PUSH-
BUTTON
SWITCH
CMOS
RAM
A0–A15
I/O
NMI
RESET
INTERRUPT
WATCHDOG FAILURE
Typical Operating Circuit
___________________Chip Information
4.425
4.50
4.35
M
4.675
4.575
4.65
TYP
4.75
RESET THRESHOLD (V)
4.60
4.50
MAX
MIN
N
L
SUFFIX
16 Plastic DIP
-40°C to +85°C
MAX807_EPE
16 Wide SO
0°C to +70°C
MAX807_CWE
16 CERDIP
16 Wide SO
16 Plastic DIP
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
-40°C to +85°C
-55°C to +125°C
MAX807_MJE
MAX807_EWE
MAX807_CPE
PART
TRANSISTOR COUNT: 984
Ordering Information
† This part offers a choice of reset threshold voltage. From the
table below, select the suffix corresponding to the desired
threshold and insert it into the blank to complete the part number.
Devices in PDIP, SO and TSSOP packages are available in
both leaded and lead-free packaging. Specify lead free by
adding the + symbol at the end of the part number when
ordering. Lead free not available for CERDIP package.
16 TSSOP
0°C to +70°C
MAX807_CUE
16 TSSOP
-40°C to +85°C
MAX807_EUE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CAT1163Supervisory Circuit with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
TS823Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AAT3526MicroPower Supervisory Circuit with Manual Reset 1 2 3 4 5 MoreAdvanced Analogic Technologies
G771Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit 1 2 3 4 5 MoreGlobal Mixed-mode Technology Inc
MAX63165-Pin μP Supervisory Circuits with Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
ISL6411Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit 1 2 3 4 Intersil Corporation
SMS2902Voltage Supervisory Circuit With Watchdog Timer 1 2 3 4 5 MoreSummit Microelectronics, Inc.
CAT24C161Supervisory Circuits with I2C Serial CMOS E2PROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
MAX6323μP Supervisory Circuits with Windowed Min/Max Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
ADM823Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl