Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX809M Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX809M
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX809M Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX809M Datasheet HTML 1Page - Maxim Integrated Products MAX809M Datasheet HTML 2Page - Maxim Integrated Products MAX809M Datasheet HTML 3Page - Maxim Integrated Products MAX809M Datasheet HTML 4Page - Maxim Integrated Products MAX809M Datasheet HTML 5Page - Maxim Integrated Products MAX809M Datasheet HTML 6Page - Maxim Integrated Products MAX809M Datasheet HTML 7Page - Maxim Integrated Products MAX809M Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3-Pin Microprocessor Reset Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for L/M/J versions, VCC
= 3.3V for T/S versions, VCC = 3V for R version, and VCC = 2.5V for Z version.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ....................................................................-0.3V to +6.0V
RESET, RESET (push-pull) .....................-0.3V to (VCC + 0.3V)
RESET (open drain)...........................................-0.3V to +6.0V
Input Current, VCC ..............................................................20mA
Output Current, RESET, RESET ..........................................20mA
Rate of Rise, VCC ............................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.17mW/°C above +70°C) ............174mW
3-Pin SOT23 (derate 4mW/°C above +70°C)...............320mW
Operating Temperature Range .........................-40°C to +105°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
TA = -40°C to
+85°C
TA = -40°C to +105°C
TA = 0°C to +70°C
TA = +85°C to
+105°C
MAX8_ _Z
(SC70 only)
TA = -40°C to
+85°C
VCC < 3.6V, MAX8_ _R/S/T
TA = +85°C to
+105°C
MAX8_ _L
CONDITIONS
2.21
2.45
2.25
2.38
2.28
2.32
2.35
2.50
2.76
4.50
4.75
V
4.56
4.63
4.70
VTH
Reset Threshold
24
60
ICC
Supply Current (SOT23)
1.2
5.5
V
1.0
5.5
VCC Range
µA
75
75
12
30
16
35
ICC
Supply Current (SC70)
VCC < 5.5V, MAX8_ _L/M
VCC < 3.6V, MAX8_ _R/S/T
VCC < 5.5V, MAX8_ _L/M
VCC < 3.6V, MAX8_ _R/S/T/Z
17
50
100
100
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC < 5.5V, MAX8_ _J/L/M
VCC < 5.5V, MAX8_ _L/M
MAX8_ _S
2.89
2.93
2.96
TA = +25°C
VCC < 3.6V, MAX8_ _R/S/T/Z
TA = +25°C
TA = -40°C to +85°C
MAX8_ _M
4.25
4.50
2.85
3.00
TA = -40°C to +85°C
MAX8_ _R
2.55
2.70
2.59
2.63
2.66
2.78
3.08
TA = +85°C to +105°C
TA = +25°C
TA = -40°C to +85°C
4.31
4.38
4.45
4.40
4.86
TA = +85°C to +105°C
TA = +25°C
TA = -40°C to +85°C
MAX809J
(SOT only)
3.93
4.00
4.06
4.16
4.56
TA = +85°C to +105°C
TA = +25°C
3.89
4.10
TA = -40°C to +85°C
3.80
4.20
TA = +85°C to +105°C
MAX8_ _T
2.92
3.23
3.00
3.15
3.04
3.08
3.11
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C
TA = +85°C to +105°C
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C


Similar Part No. - MAX809M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAX809M PHILIPS-MAX809M Datasheet
92Kb / 12P
   3-pin microprocessor resets
2003 Aug 08
logo
Maxim Integrated Produc...
MAX809M MAXIM-MAX809M Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
MAX809M MAXIM-MAX809M Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809M MAXIM-MAX809M Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
MAX809M MAXIM-MAX809M Datasheet
167Kb / 8P
   MAX803/MAX809/MAX810 3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
More results

Similar Description - MAX809M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com