Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX833 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX833
Description  5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX833 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX833 Datasheet HTML 1Page - Maxim Integrated Products MAX833 Datasheet HTML 2Page - Maxim Integrated Products MAX833 Datasheet HTML 3Page - Maxim Integrated Products MAX833 Datasheet HTML 4Page - Maxim Integrated Products MAX833 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
_______________General Description
The MAX830/MAX831/MAX832/MAX833 are monolithic,
bipolar, pulse-width-modulation (PWM), switch-mode, step-
down DC-DC regulators. Each is rated at 1A. Very few
external components are needed for standard operation
because the power switch, oscillator, feedback, and control
circuitry are all on-chip. Employing a classic buck topology,
these regulators perform high-current step-down functions.
These regulators have excellent dynamic and transient
response characteristics, while featuring cycle-by-cycle cur-
rent limiting to protect against overcurrent faults and short-
circuit output faults. They have a wide 8V to 30V input
range. Outputs for the MAX831/MAX832/MAX833 are fixed
at 5V/3.3V/3V, respectively. The MAX830 output is
adjustable.
Available in 16-pin SO packages, the MAX830–MAX833
have a preset 100kHz oscillator frequency. In addition,
the preset current limit and micropower shutdown can be
externally controlled. See the MAX724/MAX726 data
sheet for more applications information.
_______________________Applications
Distributed Power from High-Voltage Buses
High-Current, High-Voltage Step-Down Applications
Multiple-Output Buck Converter
5V/3.3V/3V/Adjustable-Output, 1A,
Step-Down, PWM, Switch-Mode DC-DC Regulators
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VSW
VSW
VSW
VSW
VIN
VIN
VIN
VIN
MAX830
MAX831
MAX832
MAX833
GND
VC
GND
SHUT
(FB) SENSE
GND
ILIM
GND
Wide SO
Tj (MAX) = +125°C,
θjA = +55°C/W*
( ) ARE FOR MAX830
* THIS THERMAL RESISTANCE NUMBER IS WITH THE DEVICE WELL MOUNTED
ON 1 oz. COPPER WITH THERMAL PASTE BETWEEN THE IC AND THE
UNDERLYING GROUND PLANE. LOWER THERMAL RESISTANCE IS POSSIBLE
(SEE APPLICATIONS SECTION).
__________________Pin Configuration
VIN
VC
VSW
100
µF
GND
10k
0.047
µF
OUTPUT
5V AT 1A
SENSE
100
µH*
MBR350
470
µF
INPUT
8V TO 30V
MAX831
STEP-DOWN CONVERTER
* CoilCraft DO3316-104
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0167; Rev 2; 6/95
___________________________Features
o Input Range: Up to 30V
o 1A On-Chip Power Switch
o Adjustable Output (MAX830)
Fixed Outputs: 5V (MAX831)
3.3V (MAX832)
3V (MAX833)
o 100kHz Switching Frequency
o Excellent Dynamic Characteristics
o Few External Components
o 8mA Quiescent Current
o 16-Pin SO Package
o Evaluation Kit Available
______________Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX830CWE
0°C to +70°C
16 Wide SO
MAX832CWE
0°C to +70°C
16 Wide SO
MAX831CWE
0°C to +70°C
16 Wide SO
MAX833CWE
0°C to +70°C
16 Wide SO
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET


Similar Part No. - MAX833

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX834 MAXIM-MAX834 Datasheet
77Kb / 8P
   Micropower, Latching Voltage Monitors in SOT23-5
Rev 0; 12/96
MAX834 MAXIM-MAX834 Datasheet
280Kb / 9P
   Micropower, Latching Voltage Monitors in SOT23-5
Rev 3; 3/10
MAX834EUK-T MAXIM-MAX834EUK-T Datasheet
77Kb / 8P
   Micropower, Latching Voltage Monitors in SOT23-5
Rev 0; 12/96
MAX834EUK-T MAXIM-MAX834EUK-T Datasheet
280Kb / 9P
   Micropower, Latching Voltage Monitors in SOT23-5
Rev 3; 3/10
MAX834 MAXIM-MAX834_10 Datasheet
280Kb / 9P
   Micropower, Latching Voltage Monitors in SOT23-5
Rev 3; 3/10
More results

Similar Description - MAX833

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX787 MAXIM-MAX787 Datasheet
39Kb / 4P
   5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Maxim Integrated Produc...
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX724 MAXIM-MAX724 Datasheet
92Kb / 12P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com