Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX801NESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX801NESA
Description  8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX801NESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX801NESA Datasheet HTML 4Page - Maxim Integrated Products MAX801NESA Datasheet HTML 5Page - Maxim Integrated Products MAX801NESA Datasheet HTML 6Page - Maxim Integrated Products MAX801NESA Datasheet HTML 7Page - Maxim Integrated Products MAX801NESA Datasheet HTML 8Page - Maxim Integrated Products MAX801NESA Datasheet HTML 9Page - Maxim Integrated Products MAX801NESA Datasheet HTML 10Page - Maxim Integrated Products MAX801NESA Datasheet HTML 11Page - Maxim Integrated Products MAX801NESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX801/MAX808 microprocessor (µP) supervisory
circuits provide power-supply monitoring and backup-
battery switchover in µP systems. The MAX801 also
provides program-execution watchdog functions
(Figure 1). Use of BiCMOS technology results in an
improved, 1.5% reset-threshold precision while keeping
supply currents typically at 68µA (48µA for the
MAX808). The MAX801/MAX808 are intended for bat-
tery-powered applications that require high reset-
threshold precision, allowing a wide power-supply
operating range while preventing the system from oper-
ating below its specified voltage range.
RESET and RESET Outputs
The MAX801/MAX808’s
RESET output ensures that the
µP powers up in a known state, and prevents code-
execution errors during power-down and brownout
conditions. It does this by resetting the µP, terminating
program execution when VCC dips below the reset
threshold. Each time
RESET is asserted, it stays low for
at least the 200ms reset timeout period (set by an inter-
nal timer) to ensure the µP has adequate time to return
to an initial state. The internal timer restarts any time
VCC goes below the reset threshold (VRST) before the
reset timeout period is completed. The watchdog timer
on the MAX801 can also initiate a reset (see the
MAX801 Watchdog Timer section).
The
RESET output is active low, and is implemented with
a strong pull-down/relatively weak pull-up structure. It is
guaranteed to be a logic low for 0V < VCC < VRST, pro-
vided VBATT is greater than 2V. Without a backup bat-
tery,
RESET is guaranteed valid for VCC
≥ 1V.
The RESET output is the inverse of the
RESET output; it
both sources and sinks current and cannot be wire-OR
connected.
Low-Line Comparator
The low-line comparator monitors VCC with a threshold
voltage typically 52mV above the reset threshold, with
13mV of hysteresis. Use
LOWLINE to provide a non-
maskable interrupt (NMI) to the µP when power begins
to fall, initiating an orderly software shutdown routine. In
most battery-operated portable systems, reserve ener-
gy in the battery provides ample time to complete the
shutdown routine once the low-line warning is encoun-
tered and before reset asserts. If the system must con-
tend with a more rapid VCC fall time (such as when the
main battery is disconnected, when a DC-DC converter
shuts down, or when a high-side switch is opened dur-
ing normal operation), use capacitance on the VCC line
to provide time to execute the shutdown routine (Figure
3). First calculate the worst-case time required for the
system to perform its shutdown routine. Then, with
worst-case shutdown time, worst-case load current,
and minimum low-line to reset threshold (VLR(min)),
VRESET
VLOWLINE
VCC
VRESET
(MAX801)
VCE OUT
(MAX808)
VRST VLL
tRP
tRP
VBATT
SHOWN FOR VCC = 0V to 5V, VBATT = 2.8V, CE IN = GND
Figure 2a. Timing Diagram, VCC Rising
VRESET
VLOWLINE
VCC
VRESET
(MAX801)
VCE OUT
(MAX808)
VRST
VRST + VLR
VBATT
tRCE
tRD
tRD
tLL
SHOWN FOR VCC = 5V to 0V, VBATT = 2.8V, CE IN = GND
Figure 2b. Timing Diagram, VCC Falling


Similar Part No. - MAX801NESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX801_CPA MAXIM-MAX801_CPA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX801_CSA MAXIM-MAX801_CSA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX801_EPA MAXIM-MAX801_EPA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX801_ESA MAXIM-MAX801_ESA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
More results

Similar Description - MAX801NESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com