Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX849ESE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX849ESE
Description  1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX849ESE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX849ESE Datasheet HTML 1Page - Maxim Integrated Products MAX849ESE Datasheet HTML 2Page - Maxim Integrated Products MAX849ESE Datasheet HTML 3Page - Maxim Integrated Products MAX849ESE Datasheet HTML 4Page - Maxim Integrated Products MAX849ESE Datasheet HTML 5Page - Maxim Integrated Products MAX849ESE Datasheet HTML 6Page - Maxim Integrated Products MAX849ESE Datasheet HTML 7Page - Maxim Integrated Products MAX849ESE Datasheet HTML 8Page - Maxim Integrated Products MAX849ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1-Cell to 3-Cell, High-Power,
Low-Noise, Step-Up DC-DC Converters
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VOUT = 3.6V, GND = PGND = CLK/SEL = ON1 = ON2 = AINSEL = AIN1 = AIN2 = FB = POKIN, POUT = OUT, TA = -40°C to +85°C,
unless otherwise noted.) (Note 9)
Note 1: Minimum operating voltage. Because the MAX848/MAX849 are bootstrapped to the output, it will operate down to a 0.7V input.
Note 2: In low-power mode (CLK/SEL = GND), the output voltage regulates 1% higher than in low-noise mode (CLK/SEL = OUT or
synchronized).
Note 3: The part is in start-up mode until it reaches this voltage level. Do not apply full-load current.
Note 4: Load regulation is measured from no load to full load, where full load is determined by the N-channel switch current limit.
Note 5: Start-up is tested with Figure 2’s circuit. Output current is measured when the input and output voltages are applied.
Note 6: Supply current from the 3.34V output is measured between the 3.34V output and the OUT pin. This current correlates directly
with actual battery supply current, but is reduced in value according to the step-up ratio and efficiency. VOUT = 3.6V to keep
the internal switch open when measuring the current into the device.
Note 7: When VCLK/SEL = 0V, the inductor is forced into constant-peak-current, discontinuous operation. This is guaranteed by
testing in Figure 2’s circuit.
Note 8: ON1 and ON2 inputs have approximately 0.15VOUT hysteresis.
Note 9: Specifications to -40°C are guaranteed by design, not production tested.
%
80
90
Oscillator Maximum Duty Cycle
kHz
260
340
CLK/SEL = OUT
Internal Oscillator Frequency
V
1.225
1.275
Rising VPOKIN
External Trip Level
V
2.95
3.10
Rising VOUT, VPOKIN < 0.1V
Internal Trip Level
% FSR
±4
fCLK = 400kHz, 5ms conversion
Accuracy
250
550
MAX849
CLK/SEL = GND (Note 7)
N-Channel Current Limit
120
300
MAX848
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
1100
1800
MAX849
CLK/SEL = OUT
mA
600
1100
MAX848
0.5
CLK/SEL = OUT
P-channel
Switch On-Resistance
0.25
CLK/SEL = OUT
N-channel
IREF = 0mA
Reference Output Voltage
1.225
1.275
V
Output Voltage (Note 3)
VFB < 0.1V, CLK/SEL = OUT,
includes load-regulation error
3.13
3.47
V
FB Regulation Voltage
Adjustable output, CLK/SEL = OUT
1.21
1.27
V
Output Voltage Lockout Range
(Note 3)
2.05
2.45
V
0.6
CLK/SEL = GND
µA
300
CLK/SEL = OUT, does not include
switching losses
OUT Supply Current in Low-Noise
Mode (Note 6)
µA
90
CLK/SEL = GND
OUT Supply Current in Low-Power
Mode (Note 6)
OUT Supply Current in Shutdown
V ON2 = 3.6V
20
µA
REFERENCE
DC-DC CONVERTER
DC-DC SWITCHES
ADC
POWER-GOOD
LOGIC CONTROL INPUTS


Similar Part No. - MAX849ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840C/D MAXIM-MAX840C/D Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ESA MAXIM-MAX840ESA Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ISA MAXIM-MAX840ISA Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX843C/D MAXIM-MAX843C/D Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
More results

Similar Description - MAX849ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
   1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1705 MAXIM-MAX1705 Datasheet
215Kb / 20P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 0; 4/97
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Analog Intergrations Co...
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com