Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX808NESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX808NESA
Description  8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX808NESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX808NESA Datasheet HTML 3Page - Maxim Integrated Products MAX808NESA Datasheet HTML 4Page - Maxim Integrated Products MAX808NESA Datasheet HTML 5Page - Maxim Integrated Products MAX808NESA Datasheet HTML 6Page - Maxim Integrated Products MAX808NESA Datasheet HTML 7Page - Maxim Integrated Products MAX808NESA Datasheet HTML 8Page - Maxim Integrated Products MAX808NESA Datasheet HTML 9Page - Maxim Integrated Products MAX808NESA Datasheet HTML 10Page - Maxim Integrated Products MAX808NESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
_______________________________________________________________________________________
7
_________________________________________________Pin Description (continued)
Active-High Reset Output. RESET is the inverse of
RESET. It is a CMOS output that
sources and sinks current. RESET swings between VCC and GND.
5
Chip-Enable Output. Output to the chip-enable gating circuit.
CE OUT is pulled up to
the higher of VCC or VBATT when the chip-enable gate is disabled.
5
Watchdog Input. If WDI remains high or low longer than the watchdog timeout period
(typically 1.6sec),
RESET will be asserted for 200ms. Leave unconnected to disable the
watchdog function.
6
Chip-Enable Input
6
RESET
CE OUT
WDI
CE IN
BATT
OUT
Backup-Battery Input. When VCC falls below the reset threshold and VBATT, OUT switch-
es from VCC to BATT. VBATT may exceed VCC. The battery can be removed while the
MAX801/MAX808 is powered up, provided BATT is bypassed with a 0.1µF capacitor to
GND. If no battery is used, connect BATT to ground and VCC to OUT.
7
7
Output Supply Voltage to CMOS RAM. When VCC exceeds the reset threshold or VBATT,
OUT connects to VCC. When VCC falls below the reset threshold and VBATT, OUT con-
nects to BATT. Bypass OUT with a 0.1µF capacitor to GND.
8
8
NAME
MAX801
MAX808
FUNCTION
PIN
MAX801
MAX808
CE IN
GND
VCC
BATT
THE HIGHER
OF VCC
OR VBATT
MAX801 ONLY
MAX808 ONLY
BATTERY-BACKUP
COMPARATOR
RESET
COMPARATOR
LOW-LINE
COMPARATOR
2.275V
OUT
LOWLINE
WDI
RESET (MAX801 ONLY)
RESET
CE OUT
P
P
N
WATCHDOG
TRANSITION
DETECTOR
STATE
MACHINE
OSCILLATOR
Figure 1. Functional Diagram


Similar Part No. - MAX808NESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX808_CPA MAXIM-MAX808_CPA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_CSA MAXIM-MAX808_CSA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_EPA MAXIM-MAX808_EPA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_ESA MAXIM-MAX808_ESA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_MJA MAXIM-MAX808_MJA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
More results

Similar Description - MAX808NESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com