Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX849 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX849
Description  1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX849 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX849 Datasheet HTML 7Page - Maxim Integrated Products MAX849 Datasheet HTML 8Page - Maxim Integrated Products MAX849 Datasheet HTML 9Page - Maxim Integrated Products MAX849 Datasheet HTML 10Page - Maxim Integrated Products MAX849 Datasheet HTML 11Page - Maxim Integrated Products MAX849 Datasheet HTML 12Page - Maxim Integrated Products MAX849 Datasheet HTML 13Page - Maxim Integrated Products MAX849 Datasheet HTML 14Page - Maxim Integrated Products MAX849 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1-Cell to 3-Cell, High-Power,
Low-Noise, Step-Up DC-DC Converters
______________________________________________________________________________________
11
where VREF = 1.25V, VOUT is the desired output volt-
age, and VTRIP is the desired trip level for the power-
good comparator.
Power-OK
The MAX848/MAX849 feature a power-good compara-
tor. This comparator’s open-drain output, POK, is
pulled low when the output voltage falls below the nom-
inal internal threshold level of 3V with POKIN = 0V. To
set the power-good trip level externally, refer to the
Setting the Output Voltage Externally section.
Analog-to-Digital Converter (ADC)
The MAX848/MAX849 have an internal, two-channel, seri-
al ADC. The ADC converts an analog input voltage into a
digital stream available at the DATA pin. The converter
skips clock pulses in proportion to the input voltage.
Output format is a return-to-zero bit stream with a bit
duration of 1/fCLK. At zero-scale input voltage, all pulses
are skipped and DATA remains low; with a positive full-
scale input voltage, no pulses are skipped; and at mid-
scale, every other pulse is skipped. The ADC’s clock is
one-half of the externally applied clock signal or one-half
of the internal 300kHz clock available at LX. In PFM
mode, the converter is not active and DATA is driven low.
Channel 1, AIN1, has an input voltage range of 0.625V
to 1.875V and is selected when AINSEL is low. Channel
2, AIN2, accepts inputs in the 0V to 2.5V range and is
selected when AINSEL is pulled high (Figure 6).
The ADC is a switched-capacitor type; therefore, an
anti-aliasing filter might be required at the inputs. Insert
a 1k
Ω series resistor and a 0.01µF filter capacitor in
noisy environments.
Timer Function Implementation
Implement the necessary counter functions either with
discrete hardware or with microcontroller (µC) imple-
mentations. The output resolution depends on how
many of the ADC clock pulses are counted, as shown
in Figure 7.
Hardware Implementation
A complete hardware solution can be implemented
using either two counters or an ASIC. Resolution
depends on how many pulses are counted. The main
advantage of the discrete hardware implementation is
that accuracy is not affected by interrupt latency asso-
ciated with the µC solution.
R
S
Q
OSC
PWM-MODE
CURRENT-
LIMIT LEVEL
REF
FEEDBACK
POUT
LX
PGND
N
P
Figure 4. Controller Block Diagram in PWM Mode
MAX848
MAX849
OUT
POKIN
FB
POK
GND
OUTPUT
R1
R2
R3
Figure 5. Adjustable Output Voltage and Power-Good Trip Level
C/2
C/2
C
REF
C
D
Q
÷2
2 x REF
AIN2
OSC
AINSEL
AIN1
DATA
Figure 6. A/D Converter Block Diagram


Similar Part No. - MAX849

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840C/D MAXIM-MAX840C/D Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ESA MAXIM-MAX840ESA Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ISA MAXIM-MAX840ISA Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX843C/D MAXIM-MAX843C/D Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
More results

Similar Description - MAX849

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
   1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1705 MAXIM-MAX1705 Datasheet
215Kb / 20P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 0; 4/97
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Analog Intergrations Co...
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com