Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX814EPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX814EPA
Description  짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX814EPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX814EPA Datasheet HTML 1Page - Maxim Integrated Products MAX814EPA Datasheet HTML 2Page - Maxim Integrated Products MAX814EPA Datasheet HTML 3Page - Maxim Integrated Products MAX814EPA Datasheet HTML 4Page - Maxim Integrated Products MAX814EPA Datasheet HTML 5Page - Maxim Integrated Products MAX814EPA Datasheet HTML 6Page - Maxim Integrated Products MAX814EPA Datasheet HTML 7Page - Maxim Integrated Products MAX814EPA Datasheet HTML 8Page - Maxim Integrated Products MAX814EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
±1% Accuracy, Low-Power, +3V and +5V
µP Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS, +5V Parts (MAX814/MAX815K, L, N) (continued)
(VCC = 4.85V to 5.5V for MAX814K/MAX815K, VCC = 4.75V to 5.5V for MAX814L/MAX815L, VCC = 4.60V to 5.5V for MAX814N/
MAX815N, TA = TMIN to TMAX, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS, +3V Parts (MAX814/MAX815T, MAX816)
(VCC = 3.06V to 5.5V for MAX814T/MAX815T and MAX816, TA = TMIN to TMAX, unless otherwise noted.)
0°C to +70°C
-40°C to +85°C
0°C to +70°C
MAX815T
TA = -40°C to +85°C, VCC = 1.2V, ISINK = 100µA
TA = 0°C to +70°C, VCC = 1.0V, ISINK = 50µA
MAX816
-40°C to +85°C
0°C to +70°C
-40°C to +85°C
VRT(max)<VCC<3.6V
CONDITIONS
ISOURCE = 500µA
sec
1.12
2.00
tWD
Watchdog Timeout Period
0.3
ISINK = 1.2mA
0.3
0.3
VOL
0.8 x VCC
VOH
75
V
1.2
5.5
VCC
1.0
5.5
Operating Voltage Range
0.3
VOL
0.8 x VCC
VOH
ms
140
200
250
tRS
Reset Pulse Width
nA
-15
6
35
IRT
RESET IN Input Current
µA
85
ISUPPLY
Supply Current
3.00
3.06
3.00
3.08
V
VRT
Reset Threshold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX816C
MAX816E
1.683
1.700
1.717
1.678
1.700
1.722
V
VRT
RESET IN Threshold
mV
0
VRT
Reset Threshold Hysteresis
ISOURCE = 800µA
ISINK = 3.2mA
V
0.4
VOL
RESET Output Voltage
VCC -1.5
VOH
VRT(max)<VCC<3.6V;
MAX814T, MAX816
4.5V<VCC<5.5V;
MAX814T, MAX816
ISOURCE = 500µA
ISINK = 1.2mA
VOL
RESET, WDO, PFO, LOW LINE
Output Voltage
V
4.5V<VCC<5.5V
0.4
VCC -1.5
VOH
ISOURCE = 800µA
ISINK = 3.2mA
VOL
CONDITIONS
MR Input Threshold
V MRHI
High
0.7 x VCC
V
MR to RESET Out Delay
tMD
(Note 3)
250
ns
PFI Input Threshold
VPFI
VCC = 5.0V
2.45
2.50
2.55
V
PFI Input Current
IPFI
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MR Pull-Up Current
IMR
MR = 0V
70
240
µA
MR Pulse Width
tMR
150
ns
V MRLO
Low
1.1
-15.00
6.0
35.00
nA
LOW LINE, PFO, WDO
Assertion Delay
(Note 2)
200
µs


Similar Part No. - MAX814EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814EPA MAXIM-MAX814EPA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
More results

Similar Description - MAX814EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814_05 Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com