Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX856ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX856ESA
Description  3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX856ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX856ESA Datasheet HTML 1Page - Maxim Integrated Products MAX856ESA Datasheet HTML 2Page - Maxim Integrated Products MAX856ESA Datasheet HTML 3Page - Maxim Integrated Products MAX856ESA Datasheet HTML 4Page - Maxim Integrated Products MAX856ESA Datasheet HTML 5Page - Maxim Integrated Products MAX856ESA Datasheet HTML 6Page - Maxim Integrated Products MAX856ESA Datasheet HTML 7Page - Maxim Integrated Products MAX856ESA Datasheet HTML 8Page - Maxim Integrated Products MAX856ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3.3V/5V or Adjustable-Output,
Step-Up DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuits of Figure 2, VIN = 2.5V, ILOAD = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (OUT to GND) ...................................-0.3V, +7V
Switch Voltage (LX to GND) .......................................-0.3V, +7V
S
H
D
N
, LBO to GND ....................................................-0.3V, +7V
LBI, REF, 3/
5
, FB to GND .........................-0.3V, (VOUT + 0.3V)
Reference Current (IREF) ..................................................2.5mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.1mW/°C above +70°C) ......................330mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Reverse Battery Current (TA ≤ +45°C, Note 1) .................750mA
Operating Temperature Ranges
MAX85_C_ _ ......................................................0°C to +70°C
MAX85_E_ _ ....................................................-40°C to +85°C
MAX85_MJA .................................................-55°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +160°C
Lead Temperature (soldering, 10sec) ............................+300°C
Note 1: Reverse battery current is measured from the
Typical Operating Circuit’s battery input terminal to GND when the battery is
connected backwards. A reverse current of 750mA will not exceed the SO or CERDIP package dissipation limits but, if left
for an extended time (more than ten minutes), may degrade performance.
LBO = 5V
ISINK = 2mA
With falling edge
3/
5
= 3V, -20µA
≤ REF load ≤ 250µA, CREF = 0.22µF
No REF load
MAX858/MAX859
ILOAD = 0mA, 3/
5
= 3V, LBI = 1.5V, VOUT = 3.47V,
(FB = 1.5V, MAX857/MAX859 only)
MAX856/MAX857
S
H
D
N
= 0V, 3/
5
= 3V, LBI = 1.5V, VOUT = 3.47V,
(FB = 1.5V, MAX857/MAX859 only)
2V
≤ VIN ≤ 3V
ILOAD = 0mA
Output set for 3.3V, measured at VIN in Figure 2, R3 omitted.
CONDITIONS
µA
1
LBO Output Leakage Current
V
0.4
LBO Output Voltage Low
mV
25
LBI Input Hysteresis
V
1.22
1.25
1.28
LBI Input Threshold
%
0.8
2.0
Reference-Voltage Regulation
V
1.23
1.25
1.27
Reference Voltage
mA
125
500
µA
15
Shutdown Quiescent Current
(Note 2)
1
µA
60
No Load Battery Current
4.80
5.0
5.20
3.17
3.3
3.43
4.80
5.0
5.20
µA
25
60
Quiescent Supply Current in
3.3V Mode (Note 2)
V
0.8
Minimum Operating Voltage
4.80
5.0
5.20
3.17
3.3
3.43
V
4.80
5.0
5.20
Output Voltage
V
0.8
1.8
Minimum Start-Up
Supply Voltage
UNITS
MIN
TYP
MAX
PARAMETER
Peak Inductor Current Limit
MAX856, 3/
5
= 0V, 0mA
≤ ILOAD ≤ 100mA
MAX856, 3/
5
= 3V, 0mA
≤ ILOAD ≤ 150mA
MAX857, VOUT = 5V, 0mA ≤ ILOAD ≤100mA
MAX858, 3/
5
= 0V, 0mA
≤ ILOAD ≤ 25mA
MAX858, 3/
5
= 3V, 0mA
≤ ILOAD ≤ 35mA
MAX859, VOUT = 5V, 0mA ≤ ILOAD ≤ 25mA
MAX85_C
MAX85_E/M


Similar Part No. - MAX856ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8560 MAXIM-MAX8560 Datasheet
98Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 24, 2003
MAX8560 MAXIM-MAX8560 Datasheet
819Kb / 12P
   4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8560EZK+T MAXIM-MAX8560EZK+T Datasheet
819Kb / 12P
   4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8560EZK-T MAXIM-MAX8560EZK-T Datasheet
819Kb / 12P
   4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8561 MAXIM-MAX8561 Datasheet
98Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 24, 2003
More results

Similar Description - MAX856ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com