Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX818MCUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX818MCUA
Description  5V Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX818MCUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX818MCUA Datasheet HTML 1Page - Maxim Integrated Products MAX818MCUA Datasheet HTML 2Page - Maxim Integrated Products MAX818MCUA Datasheet HTML 3Page - Maxim Integrated Products MAX818MCUA Datasheet HTML 4Page - Maxim Integrated Products MAX818MCUA Datasheet HTML 5Page - Maxim Integrated Products MAX818MCUA Datasheet HTML 6Page - Maxim Integrated Products MAX818MCUA Datasheet HTML 7Page - Maxim Integrated Products MAX818MCUA Datasheet HTML 8Page - Maxim Integrated Products MAX818MCUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.5V for MAX81_L, VCC = +4.5V to +5.5V for MAX81_M, VBATT = 2.8V, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
+5V Microprocessor Supervisory Circuits
_______________________________________________________________________________________
3
V PFO = 0V
VPFI > 1.30V, ISOURCE = 40µA, VCC > 4.5V
MAX81_M
VPFI < 1.20V, ISINK = 3.2mA, VCC > 4.50V
MAX81_L
WDI = GND, time average
From VRST, VCC falling at 10V/ms
WDI = VCC, time average
VCC = 5V
MAX81_ _C, VCC = 1V, VCC falling,
VBATT = 0V, ISINK = 50µA
VCC > VRST(MAX), ISOURCE = 800µA
VCC < VRST(MIN), ISINK = 3.2mA
VIL = 0.4V, VIH = 0.8VCC
CONDITIONS
µA
250
500
PFO Short-Circuit Current
VCC - 1.5
VOH
PFO Output Voltage
V
0.4
VOL
nA
-25
0.01
25
IPFI
PFI Input Current
mV
4
PFI Input Hysteresis
V
1.20
1.25
1.30
VPFT
PFI Input Threshold
µA
-20
-15
WDI Input Current (Note 5)
120
160
V
3.5
VIH
WDI Input Threshold (Note 4)
0.8
VIL
ns
50
tWDI
WDI Pulse Width
V
4.25
4.40
4.50
VRST
Reset Threshold
4.50
4.65
4.75
sec
1.00
1.60
2.25
tWD
Watchdog Timeout Period
µs
100
VCC to RESET Delay
0.3
mV
25
Reset Threshold Hysteresis
ms
140
200
280
tRP
Reset Timeout Period
VCC - 1.5
VOH
0.4
VOL
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX81_ _E, VCC = 1.2V, VCC falling,
VBATT = 0V, ISINK = 100µA
V
0.3
RESET Output Voltage
0.8
V
2.0
VIL
MR Input Threshold
µs
1
MR Pulse Width
VIH
ns
100
MR Pulse that Would Not Cause
a Reset
ns
120
MR to Reset Delay
k
45
63
85
MR Pull-Up Resistance
RESET AND WATCHDOG TIMER
POWER-FAIL COMPARATOR (MAX817/MAX819 only)
MANUAL RESET INPUT (MAX819 only)


Similar Part No. - MAX818MCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX818_CPA MAXIM-MAX818_CPA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX818_CSA MAXIM-MAX818_CSA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX818_CUA MAXIM-MAX818_CUA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX818_EPA MAXIM-MAX818_EPA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX818_ESA MAXIM-MAX818_ESA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
More results

Similar Description - MAX818MCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com