Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX816CSA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX816CSA
Description  짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX816CSA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX816CSA Datasheet HTML 3Page - Maxim Integrated Products MAX816CSA Datasheet HTML 4Page - Maxim Integrated Products MAX816CSA Datasheet HTML 5Page - Maxim Integrated Products MAX816CSA Datasheet HTML 6Page - Maxim Integrated Products MAX816CSA Datasheet HTML 7Page - Maxim Integrated Products MAX816CSA Datasheet HTML 8Page - Maxim Integrated Products MAX816CSA Datasheet HTML 9Page - Maxim Integrated Products MAX816CSA Datasheet HTML 10Page - Maxim Integrated Products MAX816CSA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
±1% Accuracy, Low-Power, +3V and +5V
µP Supervisory Circuits
_______________________________________________________________________________________
7
_______________Detailed Description
The MAX814/MAX815/MAX816 are high-accuracy, low-
power microprocessor (µP) supervisory circuits. They
have µP-reset, watchdog-timer, and power-fail func-
tions. Typical applications illustrating their similarities
and differences are shown in Figures 1, 2, and 3.
Figures 4, 5, and 6 show the block diagrams of these
parts.
______________________________________________________________Pin Description
PIN
MAX814
MAX815
MAX816
NAME
FUNCTION
1
1
1
MR
Manual-Reset Input. Triggers a reset when pulled below 1.10V. This active-
low input has an internal 150µA pull-up current to VCC, and can be driven
with CMOS logic or shorted to GND with a switch or transistor.
2
2
Positive Power-Supply Input. When VCC is below the reset threshold
voltage*, RESET is low, and remains low for a minimum of 140ms after
it rises above the threshold.
2
VCC
Positive Power-Supply Input. On the MAX816, RESET is controlled by
RESET IN, not VCC.
3
3
3
GND
Ground
4
4
4
PFI
Power-Fail Input. The PFI threshold voltage is 1.70V on the MAX816 and on
MAX814/MAX815 parts with the T suffix. It is 2.50V on MAX814/MAX815
parts with K, L, and N suffixes. Connect PFI to GND or VCC when not used.
5
5
5
PFO
Power-Fail Output. When PFI is below its threshold, PFO is low;
otherwise it is high.
6
WDI
Watchdog CMOS Input. If WDI remains high or low for more than 1.56sec,
the watchdog timer times out, and WDO goes low. The timer is reset to
zero on each WDI transition.
6
LOW LINE
Low-Line Output. Normally high, LOW LINE goes low when VCC falls 60mV
above the reset threshold. It returns high as soon as VCC rises above the
low-line threshold.
6
RESET IN
Reset Comparator Input. Reference is 1.70V. When RESET IN is below
1.70V, RESET is low, and remains low for a minimum of 140ms after it rises
above the reference.
7
7
7
RESET
Reset Output. Normally high, active low. Controlled by MR and reset
comparator.
8
8
RESET
Reset Output. Active high. The inverse of RESET.
8
WDO
Watchdog Output. Normally high, WDO goes low whenever the VCC reset
threshold comparator input voltage is low or when the watchdog timer
times out. There is no appreciable delay going either direction when the
VCC threshold comparator toggles.
*Reset Threshold Voltage is determined by part number suffix: K = 4.80V, L = 4.70V, N = 4.55V, T = 3.03V.


Similar Part No. - MAX816CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX816CSA MAXIM-MAX816CSA Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX816CSA MAXIM-MAX816CSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
More results

Similar Description - MAX816CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814_05 Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com