Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX861ISA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX861ISA
Description  50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX861ISA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX861ISA Datasheet HTML 3Page - Maxim Integrated Products MAX861ISA Datasheet HTML 4Page - Maxim Integrated Products MAX861ISA Datasheet HTML 5Page - Maxim Integrated Products MAX861ISA Datasheet HTML 6Page - Maxim Integrated Products MAX861ISA Datasheet HTML 7Page - Maxim Integrated Products MAX861ISA Datasheet HTML 8Page - Maxim Integrated Products MAX861ISA Datasheet HTML 9Page - Maxim Integrated Products MAX861ISA Datasheet HTML 10Page - Maxim Integrated Products MAX861ISA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
50mA, Frequency-Selectable,
Switched-Capacitor Voltage Converters
_______________________________________________________________________________________
7
__________Applications Information
Capacitor Selection
The MAX860/MAX861 are tested using 10µF capacitors
for both C1 and C2, although smaller or larger values
can be used (Table 3). Smaller C1 values increase the
output resistance; larger values reduce the output
resistance. Above a certain point, increasing the
capacitance of C1 has a negligible effect (because the
output resistance becomes dominated by the internal
switch resistance and the capacitor ESR). Low-ESR
capacitors provide the lowest output resistance and
ripple voltage. The output resistance of the entire circuit
(inverter or doubler) is approximately:
ROUT = RO + 4 x ESRC1 + ESRC2 + 1 / (fS x C1)
where RO (the effective resistance of the MAX860/
MAX861’s internal switches) is approximately 8
Ω and fS
is the switching frequency. ROUT is typically 12
Ω when
using capacitors with 0.2
Ω ESR and fS, C1, and C2 val-
ues suggested in Table 3. When C1 and C2 are so
large (or the switching frequency is so high) that the
internal switch resistance dominates the output resis-
tance, estimate the output resistance as follows:
ROUT = RO + 4 x ESRC1 + ESRC2
A typical design procedure is as follows:
1) Choose C1 and C2 to be the same, for convenience.
2) Select fS:
a) If you want to avoid a specific noise frequency,
choose fS appropriately.
b) If you want to minimize capacitor cost and size,
choose a high fS.
c) If you want to minimize current consumption,
choose a low fS.
3) Choose a capacitor based on Table 3, although
higher or lower values can be used to optimize per-
formance. Table 4 lists manufacturers who provide
low-ESR capacitors.
*In addition to Table 3, four graphs in the
Typical
Operating Characteristics section show typical output
current for C1 and C2 capacitances ranging from
0.33µF to 22µF. Output current is plotted for inputs of
4.5V (5V - 10%) and 3.0V (3.3V - 10%), and also for
10% and 20% output droop from the ideal -VIN value.
ATTRIBUTE
LOWER
FREQUENCY
HIGHER
FREQUENCY
Output Ripple
Larger
Smaller
C1, C2 Values
Larger
Smaller
Supply Current
Smaller
Larger
C1, C2 (µF)
NOMINAL FREQUENCY (kHz)
6
68
13
47
50
10
100
4.7
130
4.7
250
2.2
Table 2. Switching-Frequency Trade-Offs
Table 3. Suggested Capacitor Values*
Table 4. Low-ESR Capacitor Manufacturers
MANUFACTURER–Series
PHONE
FAX
COMMENTS
AVX TPS Series
(803) 946-0629
(803) 626-3123
Low-ESR tantalum, SMT
AVX TAG Series
(803) 946-0629
(803) 626-3123
Low-cost tantalum, SMT
Matsuo 267 Series
(714) 969-2491
(714) 960-6492
Low-cost tantalum, SMT
Sprague 595 Series
(603) 224-1961
(613) 224-1430
Low-ESR tantalum, SMT
Sanyo MV-GX Series
(619) 661-6835
(619) 661-1055
Aluminum electrolytic, through hole
Sanyo CV-GX Series
(619) 661-6835
(619) 661-1055
Aluminum electrolytic, SMT
Nichicon PL Series
(847) 843-7500
(847) 843-2798
Aluminum electrolytic, through hole
United Chemicon (Marcon)
(847) 696-2000
(847) 696-9278
Ceramic SMT
TDK
(847) 390-4461
(847) 390-4405
Ceramic SMT


Similar Part No. - MAX861ISA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX861ISA MAXIM-MAX861ISA Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
MAX861ISA MAXIM-MAX861ISA Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
More results

Similar Description - MAX861ISA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX860 MAXIM-MAX860_V01 Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
MAX861IUA-T MAXIM-MAX861IUA-T Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
MAX1680 MAXIM-MAX1680 Datasheet
103Kb / 12P
   125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 0; 7/97
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com